Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM Microprocessor
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 5 Page - Texas Instruments

  AM1806 Datasheet HTML 1Page - Texas Instruments AM1806 Datasheet HTML 2Page - Texas Instruments AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 244 page
background image
AM1806
www.ti.com
SPRS658C
– FEBRUARY 2010 – REVISED APRIL 2011
1
AM1806 ARM Microprocessor
........................ 1
5.6
Clock PLLs
......................................... 71
5.7
Interrupts
............................................ 76
1.1
Features
.............................................. 1
5.8
Power and Sleep Controller (PSC)
................. 82
1.2
Description
........................................... 3
5.9
EDMA
............................................... 87
1.3
Functional Block Diagram
............................ 4
5.10
External Memory Interface A (EMIFA)
............. 93
Revision History
.............................................. 6
5.11
DDR2/mDDR Controller
........................... 103
2
Device Overview
........................................ 8
5.12
Memory Protection Units
.......................... 116
2.1
Device Characteristics
............................... 8
5.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 119
2.2
Device Compatibility
................................. 9
5.14
Multichannel Audio Serial Port (McASP)
.......... 122
2.3
ARM Subsystem
..................................... 9
5.15
Multichannel Buffered Serial Port (McBSP)
....... 131
2.4
Memory Map Summary
............................. 12
5.16
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 140
2.5
Pin Assignments
.................................... 15
5.17
Inter-Integrated Circuit Serial Ports (I2C)
......... 161
5.18
Universal Asynchronous Receiver/Transmitter
2.6
Pin Multiplexing Control
............................ 18
(UART)
............................................ 165
2.7
Terminal Functions
................................. 19
5.19
Universal Serial Bus OTG Controller (USB0)
2.8
Unused Pin Configurations
......................... 54
[USB2.0 OTG]
..................................... 167
3
Device Configuration
................................. 56
5.20
LCD Controller (LCDC)
............................ 174
3.1
Boot Modes
......................................... 56
5.21
Host-Port Interface (UHPI)
........................ 189
5.22
Universal Parallel Port (uPP)
...................... 197
3.2
SYSCFG Module
................................... 56
5.23
Video Port Interface (VPIF)
....................... 202
3.3
Pullup/Pulldown Resistors
.......................... 59
5.24
Enhanced Capture (eCAP) Peripheral
............ 208
4
Device Operating Conditions
....................... 60
5.25
Enhanced High-Resolution Pulse-Width Modulator
4.1
Absolute Maximum Ratings Over Operating
(eHRPWM)
........................................ 211
Junction Temperature Range
5.26
Timers
............................................. 216
(Unless Otherwise Noted)
................................. 60
5.27
Real Time Clock (RTC)
........................... 218
4.2
Recommended Operating Conditions
.............. 61
5.28
General-Purpose Input/Output (GPIO)
............ 221
4.3
Notes on Recommended Power-On Hours (POH)
5.29
Programmable Real-Time Unit Subsystem (PRUSS)
...................................................... 63
..................................................... 225
4.4
Electrical Characteristics Over Recommended
5.30
Emulation Logic
................................... 228
Ranges of Supply Voltage and Operating Junction
Temperature (Unless Otherwise Noted)
............ 64
6
Device and Documentation Support
............. 236
5
Peripheral Information and Electrical
6.1
Device Support
.................................... 236
Specifications
.......................................... 65
6.2
Documentation Support
........................... 237
5.1
Parameter Information
.............................. 65
6.3
Community Resources
............................ 237
5.2
Recommended Clock and Control Signal Transition
7
Mechanical Packaging and Orderable
Behavior
............................................ 66
Information
............................................ 238
5.3
Power Supplies
..................................... 66
7.1
Thermal Data for ZCE Package
................... 238
5.4
Reset
............................................... 67
7.2
Thermal Data for ZWT Package
.................. 238
5.5
Crystal Oscillator or External Clock Input
.......... 70
Copyright
© 2010–2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com