Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM Microprocessor
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 51Page - Texas Instruments AM1806 Datasheet HTML 52Page - Texas Instruments AM1806 Datasheet HTML 53Page - Texas Instruments AM1806 Datasheet HTML 54Page - Texas Instruments AM1806 Datasheet HTML 55Page - Texas Instruments AM1806 Datasheet HTML 56Page - Texas Instruments AM1806 Datasheet HTML 57Page - Texas Instruments AM1806 Datasheet HTML 58Page - Texas Instruments AM1806 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 244 page
background image
AM1806
www.ti.com
SPRS658C
– FEBRUARY 2010 – REVISED APRIL 2011
Table 2-28. Unused USB0 Signal Configurations (continued)
SIGNAL NAME
Configuration
USB0_ID
No Connect
USB0_VBUS
No Connect
USB0_DRVVBUS
No Connect
USB0_VDDA33
No Connect
USB0_VDDA18
No Connect
USB0_VDDA12
No Connect
USB_REFCLKIN
No Connect or other peripheral function
USB_CVDD
1.2V
Table 2-29. Unused RTC Signal Configuration
SIGNAL NAME
Configuration
RTC_XI
May be held high (CVDD) or low
RTC_XO
No Connect
RTC_ALARM
May be used as GPIO or other peripheral function
RTC_CVDD
Connect to CVDD
RTC_VSS
VSS
Table 2-30. Unused DDR2/mDDR Controller Signal Configuration
SIGNAL NAME
Configuration (1)
DDR_D[15:0]
No Connect
DDR_A[13:0]
No Connect
DDR_CLKP
No Connect
DDR_CLKN
No Connect
DDR_CKE
No Connect
DDR_WE
No Connect
DDR_RAS
No Connect
DDR_CAS
No Connect
DDS_CS
No Connect
DDR_DQM[1:0]
No Connect
DDR_DQS[1:0]
No Connect
DDR_BA[2:0]
No Connect
DDR_DQGATE0
No Connect
DDR_DQGATE1
No Connect
DDR_ZP
No Connect
DDR_VREF
No Connect
DDR_DVDD18
No Connect
(1)
To minimize power consumption, the DDR2/mDDR controller input receivers should be placed in power-down mode by setting
VTPIO[14]=1.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Overview
55
Submit Documentation Feedback
Product Folder Link(s): AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com