Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM Microprocessor
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 3Page - Texas Instruments AM1806 Datasheet HTML 4Page - Texas Instruments AM1806 Datasheet HTML 5Page - Texas Instruments AM1806 Datasheet HTML 6Page - Texas Instruments AM1806 Datasheet HTML 7Page - Texas Instruments AM1806 Datasheet HTML 8Page - Texas Instruments AM1806 Datasheet HTML 9Page - Texas Instruments AM1806 Datasheet HTML 10Page - Texas Instruments AM1806 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 244 page
background image
AM1806
www.ti.com
SPRS658C
– FEBRUARY 2010 – REVISED APRIL 2011
Revision History (continued)
See
ADDITIONS/MODIFICATIONS/DELETIONS
Section 5.10.5, EMIFA Electrical Data/Timing:
•
Corrected 1.3V, 1.2V MIN value in Table 5-21.
External Memory Interface A
•
Updated EMA_A[12:0] to EMA_A[22:0] in Figure 5-12 through Figure 5-15.
(EMIFA)
•
Removed unused parameters 29 and 30 from Figure 5-12.
•
Removed unused parameters 31 and 32 from Figure 5-13.
Section 5.11.1, DDR2/mDDR Memory Controller Electrical Data/Timing
•
Corrected 1.3V and 1.2 V MAX values in Table 5-23.
Section 5.11.3.8, Net Classes:
Section 5.11
DDR2/mDDR Controller
•
Corrected Table 5-32 column heading.
Section 5.11.3.11, DDR2/mDDR CK and ADDR_CTRL Routing:
•
Updated Table 5-35.
Section 5.16.2.1, Serial Peripheral Interface (SPI) Timing:
•
Added tih(SPC_SOMI)M to Table 5-61.
Section 5.16.2
•
Corrected MAX values and updated table note in Table 5-62.
SPI Electrical Data/Timing
•
Updated table note in Table 5-69
•
Corrected MAX values and changed table note in Table 5-70.
Section 5.19
•
Added Important Notice.
Universal Serial Bus OTG
Section 5.19.2, USB0 [USB2.0] Electrical Data/Timing:
Controller (USB0) [USB2.0
OTG]
•
Added first paragraph.
•
Added 2nd paragraph.
Section 5.20.1, LCD Interface Display Driver (LIDD Mode):
•
Removed table note for Table 5-86.
Section 5.20
•
Updated description for parameters 12 and 13 in Table 5-87.
LCD Controller (LCDC)
Section 5.20.2, LCD Raster Mode:
•
Updated Figure 5-53.
•
Extended time line in Figure 5-54.
Section 5.25
Table 5-103, eHRPWM Module Control and Status Registers Grouped by Submodule:
Enhanced High-Resolution
Pulse-Width Modulator
•
Updated offset addresses for HRCNFG.
(eHRPWM)
Table 5-109, Timing Requirements for Timer Input:
Section 5.26.1
Timer Electrical Data/Timing
•
Updated table note.
Figure 5-75, Clock Source
Section 5.27.1
Clock Source
•
Replaced Real Time Clock with RTC Power Source.
Section 5.30
•
Added Section 5.30.4, IEEE 1149.1 JTAG.
Emulation Logic
•
Added Section 5.30.5, JTAG 1149.1 Boundary Scan Considerations.
Section 6.1.2, Device Nomenclature:
Section 6.1
Device Support
•
Updated Figure 6-1.
Copyright
© 2010–2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com