Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP11206 Datasheet HTML 1Page - Vishay Siliconix SIP11206 Datasheet HTML 2Page - Vishay Siliconix SIP11206 Datasheet HTML 3Page - Vishay Siliconix SIP11206 Datasheet HTML 4Page - Vishay Siliconix SIP11206 Datasheet HTML 5Page - Vishay Siliconix SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
www.vishay.com
5
Vishay Siliconix
SiP11206
Notes:
a. MOC stands for moderate overcurrent voltage at CS pin.
b. SOC stands for severe overcurrent voltage at CS pin.
c. RDB should be chosen for each application to provide adequate dead time. For production testing RDB is chosen to test at 47 % target duty.
d. Not tested. Guaranteed by driver frequency test. The driver frequency is half of the oscillator frequency.
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
TA = - 40 °C to 85 °C, FOSC = 800 kHz,
10.5 V
≤ V
CC ≤ 13.2 V, VINDET = 4.8 V, VIN = 48 V,
RDB = 47.5 kΩ, ROSC = 47.5 kΩ, COSC = 100 pF
Limits
Unit
Min.
Typ.
Max.
VINDET Function
VIndet Pin Input Impedance
RINDET
30
46
70
k
Ω
Shutdown Threshold High Voltage
VSDH
VINDET rising
0.33
0.58
0.76
V
Shutdown Hysteresis Voltage
HSD
0.15
Under Voltage OFF Voltage
VUVH
VINDET rising at ICC
3.14
3.30
3.46
Under Voltage Hysteresis Voltage
HUV
0.26
Over Temperature Protection (OTP)
Activating Temperature
OTPON
TJ rising
160
°C
De-activating Temperature
OTPOFF
TJ falling
145
High-Side MOSFET Driver (DH Output)
Output High Voltage (differential)
VDHH
Sourcing 10 mA, VDH - VBST
- 0.3
V
Output Low Voltage (differential)
VDHL
Sinking 10 mA, VDH -VLX
0.3
Peak Output Sourcing Current
IDHH
VCC = 10.5 V, CLOAD = 3 nF
- 2.2
A
Peak Output Sinking Current
IDHL
1.6
Driver Frequency
FDH
340
400
460
kHz
Rise Time
tHR
CLOAD = 3 nF
20
ns
Fall Time
tHF
CLOAD = 3 nF
20
Boost Pin Current (switching)
IBST
VLX = 75 V, VBST = VLX + VCC
1.3
2.6
3.9
mA
LX Pin Current (switching)
ILX
- 2.1
- 1.4
- 0.7
LX Pin Leakage Current
ILX-LKG
VINDET = 0 V, VLX = 40 V
10
µA
Low-Side MOSFET Driver (DL Output)
Output High Voltage (differential)
VDLH
Sourcing 10 mA, VDL - VCC
- 0.3
V
Output Low Voltage (differential)
VDLL
Sinking 10 mA, VDL - VAGND
0.3
Peak Output Sourcing Current
IDLH
VCC = 10.5 V, CLOAD = 3 nF
- 1.6
A
Peak Output Sinking Current
IDLL
1.6
Driver Frequency
FDL
340
400
460
kHz
Rise Time
tLR
CLOAD = 3 nF
20
ns
Fall Time
tLF
CLOAD = 3 nF
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com