Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP11206 Datasheet HTML 1Page - Vishay Siliconix SIP11206 Datasheet HTML 2Page - Vishay Siliconix SIP11206 Datasheet HTML 3Page - Vishay Siliconix SIP11206 Datasheet HTML 4Page - Vishay Siliconix SIP11206 Datasheet HTML 5Page - Vishay Siliconix SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.vishay.com
4
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11206
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
TA = - 40 °C to + 85 °C, FOSC = 800 kHz,
10.5 V
≤ V
CC ≤ 13.2 V, VINDET = 4.8 V, VIN = 48 V,
RDB = 47.5 kΩ, ROSC = 47.5 kΩ, COSC = 100 pF
Limits
Unit
Min.
Typ.
Max.
Pre-Regulator
VIN Range
VIN
36
48
75
V
Pre-Reg Current (cut-off)
IVINLKG
VIN = 75 V, VCC > 10.5 V
10
µA
Pre-Reg Current (standby)
IVINSD
VIN = 75 V, VINDET = 0 V
90
200
Pre-Reg Current (switching)
IVINSW
VIN = 75 V, VINDET = 7.5 V
3.3
6.0
8.7
mA
Pre-Reg Output Voltage
VREG
VCC Voltage with VIN = 48 V
7.8
9.3
10.4
V
Pre-Reg Drive Current
ISTART
VCC < VREG
20
mA
Pre-Reg Load Regulation
LDR
ILOAD: 0 to 20 mA
100
mV
Pre-Reg Line Regulation
LNR
0.05
%/V
Regulator Compensation
ISRC
VCC = 12 V
- 35
- 20
- 10
µA
ISNK
40
87
130
VCC Supply Voltage
VCC Range
VCC
10.5
12
13.2
V
Shut Down Current
ISD
VINDET = 0 V
50
150
350
µA
Quiescent Current
IQ
VINDET < VREF
4.0
5.0
6.2
mA
Supply Current
ICC
VINDET > VREF
5.5
7.2
9.5
UVLO Off-Threshold
UVLOH
VCC rising
7.6
9.0
10
V
Hysteresis
HUVLO
1.2
VCC Clamp Voltage
VCLAMP
Force 20 mA into VCC
14
15.3
16.2
Current Sense
Current Limit Threshold 1 (MOC)a
VMOC
ISS = 20 µA, CSS= 1 nF
105
130
160
mV
Current Limit Threshold 2 (SOC)b
VSOC
ISS = 400 nA, CSS= 1 nF
165
200
235
CS to DL Delay
TD
150
ns
Leading Edge Blanking Period
TBL
DL(ON) blanking time
20
Pulse Width Modulator
Maximum Duty Cyclec
DMAX
47
50
%
Maximum Duty Cycle Asymmetry
1
RDB Voltage
VRDB
3.18
V
Oscillator
Oscillator Frequencyd
FOSC
ROSC = 47 kΩ, COSC = 100 pF
680
800
920
kHz
Oscillator Bias Voltage
VROSC
3.24
V
Soft Start
Soft Start Charging Current
ISS
VSS = 0 V
- 26
- 20
- 14
µA
SS Ramp Completion Voltage
VSS
5.4
V
MOC Discharge Current
IDSS1
CS = VMOC
14
20
26
µA
SOC Discharge Current
IDSS2
CS = VSOC
400
nA
Reset Voltage
VSSL
CS < VMOC
0.25
V
Reference
Output Voltage
VREF
VCC = 12 V
3.2
3.3
3.4
V
Short Circuit Current
IREFSC
VREF = 0 V
- 50
- 42
mA
Load Regulation
ΔV
R/ΔIR
(0 mA
≤ I
LOAD ≤ 2.5 mA)
- 33
- 16
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com