Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix SIP11206 Datasheet HTML 10Page - Vishay Siliconix SIP11206 Datasheet HTML 11Page - Vishay Siliconix SIP11206 Datasheet HTML 12Page - Vishay Siliconix SIP11206 Datasheet HTML 13Page - Vishay Siliconix SIP11206 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.vishay.com
10
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11206
due to some external reset condition the pre-regulator is in
low power standby mode and the internal bias network is
powered down. When VINDET is greater than VSDH but less
than VREF and VCC is forced to 12 V the pre-regulator shuts
off drawing only leakage current from VIN and quiescent
current from VCC. In this mode the controller output drivers
remains static (non-switching). When VINDET is above VREF
the controller is enabled and both drivers are switching at half
the oscillator frequency. If SiP11206 is shut down via this pin,
its restart will be by means of a soft-start cycle, as described
under "Soft Start" and "Hiccup-Mode Operation" above.
The input impedance to ground of this pin is typically
46K ± 30 % and must be taken into account at application
design. An external 10:1 resistor divider ratio of supply
voltage to VINDET pin is required in a typical application.
Primary High and Low Side MOSFET Drivers
The low-side MOSFET driver is powered directly from VCC of
the chip. The high-side MOSFET however requires the gate
voltage to be higher than VIN. This is achieved with a charge
pump capacitor CBST between BST and LX, and an external
diode to charge and bootstrap the initial charge up voltage
across CBST to VCC level. On the alternate oscillator cycle
the boost diode isolates BST from VIN and hence BST and
LX steps up to VIN + VCC and VIN, respectively. This
sequencing insures that DL will always turn on before DH
during start-up. The boost capacitor value must be chosen to
meet the application droop rate requirement.
External Frequency Synchronization
The oscillator frequency of this IC can be synchronized to an
external source with a simple circuit shown in "Circuit for
Frequency Synchronization" diagram. The synchronized
frequency should not exceed 1.4 times the set frequency,
and the synchronized frequency range should not exceed
the IC frequency range.
TYPICAL CHARACTERISTICS
VREG vs. Temperature
VUV vs. Temperature
Temperature (°C)
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
10.2
- 40
- 15
10
35
60
85
110
135
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
V
UVH
V
UVL
IVIN vs. Temperature
ICC and IQ vs. Temperature
Temperature (°C)
- 40
- 15
10
35
60
85
110
135
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VIN = 75 V
Temperature (°C)
- 40
- 15
10
35
60
85
110
135
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
ICC
VCC = 12 V
IQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com