Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIP11206 Datasheet HTML 10Page - Vishay Siliconix SIP11206 Datasheet HTML 11Page - Vishay Siliconix SIP11206 Datasheet HTML 12Page - Vishay Siliconix SIP11206 Datasheet HTML 13Page - Vishay Siliconix SIP11206 Datasheet HTML 14Page - Vishay Siliconix SIP11206 Datasheet HTML 15Page - Vishay Siliconix SIP11206 Datasheet HTML 16Page - Vishay Siliconix SIP11206 Datasheet HTML 17Page - Vishay Siliconix SIP11206 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.vishay.com
14
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11206
TYPICAL CHARACTERISTICS
TYPICAL WAVEFORMS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?69232.
Line and Load Regulation
8
9
10
11
12
13
14
0369
12
15
Load Current (A)
VIN = 55 V
VIN = 48 V
VIN = 42 V
Efficiency vs. Current
80
84
88
92
96
0
3
6
9
12
15
Load Current (A)
VIN = 55 V
VIN = 48 V
VIN = 42 V
System Startup
System Shutdown
Primary Driving Signals DL and DH
Hiccup Mode when Output Shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com