Electronic Components Datasheet Search
  English  ▼

X  

SIP12101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12101
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12101 Datasheet HTML 1Page - Vishay Siliconix SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
5
Vishay Siliconix
SiP12101
DETAIL OPERATION
General
The SiP12101 is a high efficiency synchronous dc-dc
converter that is ideally suited for lithium ion battery or three
cell alkaline applications, as well as step-down of 3.3 V or
5.0 V supplies. The major blocks of the SiP12101 are shown
in the Functional Block Diagram. The 0.25
Ω internal
MOSFETs switching at a frequency of 2 MHz minimize PC
board space while providing high conversion efficiency and
performance. The high frequency error-amplifier with built-in
loop compensation minimizes external components and
provides rapid output settling times of < 30 µs. Sensing of the
inductor current for control is accomplished internally without
power wasting resistors.
Start-Up
When voltage is applied to VIN and VDD, the under-voltage
lockout (UVLO) circuit prevents the oscillator and control
circuitry from turning on until the voltage on the exceeds
2.4 V. With a typical UVLO hysteresis of 0.1 V, the converter
operates continuously until the voltage on VIN drops below
2.3 V, whereupon the converter shuts down. This hysteresis
prevents false start-stop cycling as the input voltage
approaches the UVLO switching threshold. The start-up
sequence occurs after SD switches from LOW to HIGH with
VIN applied, or after VIN rises above the UVLO threshold and
SD is a logic HIGH.
PWM
SiP12101 operates as a 2 MHz fixed frequency voltage
mode converter. An NMOS synchronous rectification
MOSFET transistor provides very high conversion efficiency
for large load currents by minimizing the conduction losses.
Output load currents can range from 0 to 600 mA.
The error amplifier and comparator control the duty cycle of
the PMOS MOSFET to continuously force the REF pin and
FB pin voltages to be equal. As the input-to-output voltage
difference drops, the duty cycle of the PMOS MOSFET can
reach 100 % to allow system designers to extract the
maximum stored energy from the battery. The dropout
voltage is 190 mV at 600 mA.
During each cycle, the PMOS switch current is limited to a
maximum of 1.5 A (typical) thereby protecting the IC while
continuing to force maximum current into the load.
Oscillator
The internal oscillator provides for a fixed 2 MHz switching
frequency.
Dynamic Output Voltage Control (REF)
The SiP12101 is designed with an adjustable output voltage
which has a change of VFB to VIN - VDROP. VOUT is defined
according to the following relationship:
Converter Shutdown (SD pin)
With logic LOW level on the SD pin, the SiP12101 is
shutdown. Shutdown reduces current consumption to less
than 2 µA by shutting off all of the internal circuits. Both the
PMOS and NMOS transistors are turned off. A logic HIGH
enables the IC to start up as described in "Start-up" section.
Thermal Shutdown
The SiP12101 includes thermal shutdown circuitry, which
turns off the regulator when the junction temperature
exceeds 165 °C. Once the junction temperature drops below
145 °C, the regulator is enabled. If the condition causing the
over temperature, the SiP12101 begins thermal cycling,
turning the regulator on and off in response to junction
temperature. Restart from a thermal shutdown condition is
the same as described in the "Start-up" section.
VOUT =1+
R1
R2
×VFB
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com