Electronic Components Datasheet Search
  English  ▼

X  

SIP12101 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP12101
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP12101 Datasheet HTML 1Page - Vishay Siliconix SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
Vishay Siliconix
SiP12101
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
Pin Number
Name
Function
1
LX
Inductor connection
2
AGND
Low power analog ground
3
FB
Output voltage feedback
4
VDD
Input supply voltage for the analog circuit.
5
REF
Internal reference, no connection should be made to this pin.
6
VDD
Input supply voltage for the analog circuit.
7SD
Logic low disables IC and reduces quiescent current to below 2 µA
8
AGND
Must be connected to AGND.
9
VIN
Input supply voltage
10
PGND
Low impedance power ground
ORDERING INFORMATION
Part Number
Marking
Temperature
Package
SiP12101DH-T1
2101
- 40 °C to 85 °C
MSOP-10
Additional voltage options are available.
Eval Kit
Temperature Range
Board
SiP12101DB
- 40 °C to 85 °C
Surface Mount
-
+
Error
Amplifier
-
+
PWM
Comparator
Voltage
Reference,
UVLO
2MHz
Oscillator
To IC Bias
PWM
PMOS
Current Sense
VDD
VIN
FB
AGND
SD
PGND
LX
2MHz
Oscillator
Clamp
REF
SiP12101
AGND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com