Electronic Components Datasheet Search
  English  ▼

X  

SIP12101 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12101
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12101 Datasheet HTML 1Page - Vishay Siliconix SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
Vishay Siliconix
SiP12101
Notes:
a. Device mounted with all leads soldered or welded to PC board.
b. Derate 7.4 mW/°C above 85 °C.
c. Derate 14 mW/°C above 85 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced to AGND = 0 V
VIN, VDD
6.2
V
Lx, SD, FB, CREF
- 0.3 to 6.2
(or to VDD + 0.3 whichever is less)
GND
- 0.3 to + 0.3
ESD Rating
2kV
Storage Temperature
- 65 to 125
°C
Operating Junction Temperature
150
Power Dissipation (Package)a
10-pin MSOPb
481
mW
10-pin MLP33
915
Thermal Impedance (
Θ
JA)
10-Pin MSOP
135
°C/W
Peak Inductor Current
1.8
A
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
VIN Range
2.6 to 5.5
V
CIN
10 µF ceramic
COUT
4.7 µF ceramic
Inductor
2.2
µH
Load Current
0 to 600
mA
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
- 40 °C to 85 °C, VIN = VDD, CIN = 10 µF, COUT = 4.7 µF
L = 2.2 µH, 2.6 V
≤ V
IN ≤ 5.5 V, R1 = 11.3 kΩ, R2 = 20 kΩ
Limits
Unit
Min.a
Typ.b
Max.a
Under Voltage Lockout (UVLO)
Under Voltage Lockout (turn-on)
VIN rising
2.3
2.5
V
Hysteresis
0.1
Shutdown (SD)
Logic High
VSDH
1.6
V
Logic Low
VSDL
0.4
Delay to Outputc
ten
Settle within ± 2 % accuracy SD rising
tr < 1 µs
RL= 3.3 Ω
100
µs
RL= 51 Ω
100
Pull Down
ISD
Input at VIN
µA
Oscillator
Frequency
fOSC
1.622.4
MHz
Error Amplifier (FB Pin)
FB Voltage Accuracy
VFB
TA = 25 °C
1.185
1.215
1.245
V
TA = - 40 °C to 85 °C 1.170
1.260
Power Supply Rejection
PSRR
VIN = 2.6 V to 5.5 VDC
60
db
Input Bias Current
IFB
VFB = 1.25 V
- 1
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com