Electronic Components Datasheet Search
  English  ▼

X  

SIP12101 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12101
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12101 Datasheet HTML 1Page - Vishay Siliconix SIP12101 Datasheet HTML 2Page - Vishay Siliconix SIP12101 Datasheet HTML 3Page - Vishay Siliconix SIP12101 Datasheet HTML 4Page - Vishay Siliconix SIP12101 Datasheet HTML 5Page - Vishay Siliconix SIP12101 Datasheet HTML 6Page - Vishay Siliconix SIP12101 Datasheet HTML 7Page - Vishay Siliconix SIP12101 Datasheet HTML 8Page - Vishay Siliconix SIP12101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiP12101
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
1
High Performance Step-Down DC-DC Converter
With Adjustable Output Voltage
DESCRIPTION
The SiP12101 is a high efficiency 600 mA step down
converter with internal low on resistance power MOSFET
switch and synchronous rectifier transistors. It is designed to
convert one cell Lilon battery or three cell alkaline battery
voltages to an adjustable dc output. The integrated high
frequency
error
amplifier
with
internal
compensation
minimizes external components.
2 MHz switching permits use of small external inductor and
capacitor sizes allowing one of the smallest solutions.
The SiP12101 is available in the 10 pin MSOP and is
specified to operate over the industrial temperature range of
- 40 °C to 85 °C.
FEATURES
•
2 MHz PWM operation
•
Integrated MOSFET switches
•
2.6 V to 6.0 V input voltage range
•
Minimal number of external components
•
Up to 96 % conversion efficiency
•
600 mA load capability
•
100 % cuty cycle allows low dropout
•
Integrated compensation circuit
•
Over-current protection
•
Shutdown current < 2 mA
•
Thermal shutdown
•
Integrated UVLO
•
10 pin MSOP
APPLICATIONS
•
PDAs/palmtop PCs
•
LCD podules
•
Portable image scanners
•
GPS receivers
•
Smart phones
•
MP3 players
•
3G cell phone
•
Digital cameras
TYPICAL APPLICATIONS CIRCUIT
VDD
ENABLE
BATTERY
LX
VIN
SD
VDD
PGND
FB
AGND
VOUT
SiP12101
2.2
µH
COUT
4.7
µF
CIN
10
µF
VDD
R2
R1
REF
REF
VDD


Similar Part No. - SIP12101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SIP12107DB VISHAY-SIP12107DB Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107DB VISHAY-SIP12107DB Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results

Similar Description - SIP12101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
07-Oct-02
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
07-Oct-02
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
14-jun-04
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
14-Jun-04
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
14-Jun-04
logo
Texas Instruments
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com