Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM4040
Description  Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4040 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM4040 Datasheet HTML 1Page - Maxim Integrated Products LM4040 Datasheet HTML 2Page - Maxim Integrated Products LM4040 Datasheet HTML 3Page - Maxim Integrated Products LM4040 Datasheet HTML 4Page - Maxim Integrated Products LM4040 Datasheet HTML 5Page - Maxim Integrated Products LM4040 Datasheet HTML 6Page - Maxim Integrated Products LM4040 Datasheet HTML 7Page - Maxim Integrated Products LM4040 Datasheet HTML 8Page - Maxim Integrated Products LM4040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The LM4040 is a precision two-terminal shunt mode,
bandgap voltage reference available in fixed reverse
breakdown voltages of 2.048V, 2.500V, 3.000V, 3.3V,
4.096V, and 5.000V. Ideal for space-critical applica-
tions, the LM4040 is offered in the subminiature 3-pin
SC70 surface-mount package (1.8mm  1.8mm), 50%
smaller than comparable devices in SOT23 surface-
mount packages (SOT23 versions are also available).
Laser-trimmed resistors ensure precise initial accuracy.
With a 100ppm/°C temperature coefficient, the device
is offered in four grades of initial accuracy ranging from
0.1% to 1%. The LM4040 has a 60µA to 15mA shunt
current capability with low dynamic impedance, ensur-
ing stable reverse breakdown voltage accuracy over a
wide range of operating temperatures and currents.
The LM4040 does not require an external stabilizing
capacitor while ensuring stability with any capacitive
load.
The LM4040 is guaranteed over the temperature range
of -40°C to +125°C.
For a 1.225V output version, refer to the LM4041 data
sheet.
________________________Applications
Portable, Battery-Powered Equipment
Notebook Computers
Cell Phones
Industrial Process Controls
Features
o Ultra-Small 3-Pin SC70 Package
o 0.1% (max) Initial Accuracy
o 100ppm/°C (max) Temperature Coefficient
Guaranteed over -40°C to +125°C Temperature
Range
o Wide Operating Current Range: 60µA to 15mA
o Low 28µVRMS Output Noise (10Hz to 10kHz)
o 2.048V, 2.500V, 3.000V, 3.3V, 4.096V, and 5.000V
Fixed Reverse Breakdown Voltages
o No Output Capacitors Required
o Tolerates Capacitive Loads
Improved Precision Micropower Shunt Voltage
Reference with Multiple Reverse Breakdown Voltages
________________________________________________________________
Maxim Integrated Products
1
-
1
3
N.C.*
+
+
LM4040
SC70-3/SOT23-3
TOP VIEW
2
*PIN 3 MUST BE LEFT UNCONNECTED
OR CONNECTED TO PIN 2.
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
LM4040_IM3-2.1+T
-40°C to +85°C
3 SOT23
2.048
LM4040_IX3-2.1+T
-40°C to +85°C
3 SC70
2.048
LM4040_EM3-2.1+T
-40°C to +125°C
3 SOT23
2.048
LM4040_EX3-2.1+T
-40°C to +125°C
3 SC70
2.048
LM4040_IM3-2.5+T
-40°C to +85°C
3 SOT23
2.500
LM4040_IX3-2.5+T
-40°C to +85°C
3 SC70
2.500
LM4040_IM3-2.5/V+T
-40°C to +85°C
3 SC70
2.500
LM4040_EM3-2.5+T
-40°C to +125°C
3 SOT23
2.500
LM4040_EM3-2.5/V+T
-40°C to +125°C
3 SOT23
2.500
LM4040_EX3-2.5+T
-40°C to +125°C
3 SC70
2.500
LM4040_IM3-3.0+T
-40°C to +85°C
3 SOT23
3.000
LM4040_IX3-3.0+T
-40°C to +85°C
3 SC70
3.000
LM4040_EX3-3.0+T
-40°C to +125°C
3 SC70
3.000
LM4040_EX3-3.3+T
-40°C to +125°C
3 SC70
3.300
LM4040_IM3-4.1+T
-40°C to +85°C
3 SOT23
4.096
LM4040_IX3-4.1+T
-40°C to +85°C
3 SC70
4.096
LM4040_EM3-4.1
-40°C to +125°C
3 SOT23
4.096
LM4040_EM3-4.1/V+T
-40°C to +125°C
3 SOT23
4.096
LM4040_EX3-4.1+T
-40°C to +125°C
3 SC70
4.096
LM4040_IM3-5.0+T
-40°C to +85°C
3 SOT23
5.000
LM4040_IX3-5.0+T
-40°C to +85°C
3 SC70
5.000
LM4040_EM3-5.0+T
-40°C to +125°C
3 SOT23
5.000
LM4040_EM3-5.0/V+T
-40°C to +125°C
3 SOT23
5.000
LM4040_EX3-5.0+T
-40°C to +125°C
3 SC70
5.000
Pin Configuration
Selector Guide
19-1787; Rev 7; 11/11
Ordering Information appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040 MICREL-LM4040 Datasheet
106Kb / 16P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
Vishay Siliconix
LM4040 VISHAY-LM4040 Datasheet
574Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4041CIM3-12-T MAXIM-LM4041CIM3-12-T Datasheet
143Kb / 7P
Improved Precision Micropower Shunt Voltage Reference
Rev 5; 1/09
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com