Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # LM4040
Description  Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4040 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button LM4040 Datasheet HTML 7Page - Maxim Integrated Products LM4040 Datasheet HTML 8Page - Maxim Integrated Products LM4040 Datasheet HTML 9Page - Maxim Integrated Products LM4040 Datasheet HTML 10Page - Maxim Integrated Products LM4040 Datasheet HTML 11Page - Maxim Integrated Products LM4040 Datasheet HTML 12Page - Maxim Integrated Products LM4040 Datasheet HTML 13Page - Maxim Integrated Products LM4040 Datasheet HTML 14Page - Maxim Integrated Products LM4040 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Improved Precision Micropower Shunt Voltage
Reference with Multiple Reverse Breakdown Voltages
______________________________________________________________________________________
13
PART
OUTPUT
VOLTAGE (V)
INITIAL
ACCURACY
(%)
TEMPCO
(ppm/°C)
TEMP RANGE
PIN-PACKAGE
TOP
MARK
LM4040AIM3-3.0+T
3.000
0.1
100
-40°C to +85°C
3 SOT23
FZEN
LM4040AIX3-3.0+T
3.000
0.1
100
-40°C to +85°C
3 SC70
ABR
LM4040BIM3-3.0+T
3.000
0.2
100
-40°C to +85°C
3 SOT23
FZEO
LM4040BIX3-3.0+T
3.000
0.2
100
-40°C to +85°C
3 SC70
ABS
LM4040CIM3-3.0+T
3.000
0.5
100
-40°C to +85°C
3 SOT23
FZEP
LM4040CIX3-3.0+T
3.000
0.5
100
-40°C to +85°C
3 SC70
ABT
LM4040DIM3-3.0+T
3.000
1.0
150
-40°C to +85°C
3 SOT23
FZEQ
LM4040DIX3-3.0+T
3.000
1.0
150
-40°C to +85°C
3 SC70
ABU
LM4040AEM3-3.0+T
3.000
0.1
100
-40°C to +125°C
3 SOT23
FZNO
LM4040AEX3-3.0+T
3.000
0.1
100
-40°C to +125°C
3 SC70
ALN
LM4040BEM3-3.0+T
3.000
0.2
100
-40°C to +125°C
3 SOT23
FZNP
LM4040BEX3-3.0+T
3.000
0.2
100
-40°C to +125°C
3 SC70
ALO
LM4040CEX3-3.0+T
3.000
0.5
100
-40°C to +125°C
3 SC70
ALP
LM4040DEM3-3.0+T
3.000
1.0
150
-40°C to +125°C
3 SOT23
FZNR
LM4040DEX3-3.0+T
3.000
1.0
150
-40°C to +125°C
3 SC70
ALQ
LM4040AEX3-3.3+T
3.300
0.1
100
-40°C to +125°C
3 SC70
ANY
LM4040BEX3-3.3+T
3.300
0.2
100
-40°C to +125°C
3 SC70
ANZ
LM4040CEX3-3.3+T
3.300
0.5
100
-40°C to +125°C
3 SC70
AOA
LM4040DEX3-3.3+T
3.300
1.0
150
-40°C to +125°C
3 SC70
AOB
LM4040AIM3-4.1+T
4.096
0.1
100
-40°C to +85°C
3 SOT23
FZER
LM4040AIX3-4.1+T
4.096
0.1
100
-40°C to +85°C
3 SC70
ABV
LM4040BIM3-4.1+T
4.096
0.2
100
-40°C to +85°C
3 SOT23
FZES
LM4040BIX3-4.1+T
4.096
0.2
100
-40°C to +85°C
3 SC70
ABW
LM4040CIM3-4.1+T
4.096
0.5
100
-40°C to +85°C
3 SOT23
FZET
LM4040CIX3-4.1+T
4.096
0.5
100
-40°C to +85°C
3 SC70
ABX
LM4040DIM3-4.1+T
4.096
1.0
150
-40°C to +85°C
3 SOT23
FZEU
LM4040DIX3-4.1+T
4.096
1.0
150
-40°C to +85°C
3 SC70
ABY
LM4040AEM3-4.1+T
4.096
0.1
100
-40°C to +125°C
3 SOT23
FZNS
LM4040AEX3-4.1+T
4.096
0.1
100
-40°C to +125°C
3 SC70
ALR
LM4040BEM3-4.1+T
4.096
0.2
100
-40°C to +125°C
3 SOT23
FZNT
LM4040BEX3-4.1+T
4.096
0.2
100
-40°C to +125°C
3 SC70
ALS
LM4040CEM3-4.1+T
4.096
0.5
100
-40°C to +125°C
3 SOT23
FZNU
Ordering Information (continued)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com