Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # LM4040
Description  Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4040 Datasheet(HTML) 3 Page - Maxim Integrated Products

  LM4040 Datasheet HTML 1Page - Maxim Integrated Products LM4040 Datasheet HTML 2Page - Maxim Integrated Products LM4040 Datasheet HTML 3Page - Maxim Integrated Products LM4040 Datasheet HTML 4Page - Maxim Integrated Products LM4040 Datasheet HTML 5Page - Maxim Integrated Products LM4040 Datasheet HTML 6Page - Maxim Integrated Products LM4040 Datasheet HTML 7Page - Maxim Integrated Products LM4040 Datasheet HTML 8Page - Maxim Integrated Products LM4040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Improved Precision Micropower Shunt Voltage
Reference with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—2.500V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4040A (0.1%)
2.4975
2.5000
2.5025
LM4040B (0.2%)
2.4950
2.5000
2.5050
LM4040C (0.5%)
2.4875
2.5000
2.5125
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4040D (1.0%)
2.4750
2.5000
2.5250
V
LM4040A
±2.0
±19
LM4040B
±4.0
±21
LM4040C
±10
±29
Reverse Breakdown Voltage
Tolerance (Note 2)
VR
LM4040D
±20
±49
mV
LM4040A/B/C
45
65
Minimum Operating Current
IRMIN
LM4040D
45
70
µA
IR = 10mA
±20
LM4040A/B/C
±15
±100
IR = 1mA
LM4040D
±15
±150
Average Reverse Voltage
Temperature Coefficient
(Notes 2 and 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
LM4040A/B/C
0.3
1.0
IRMIN
≤ IR ≤ 1mA
LM4040D
0.4
1.2
LM4040A/B/C
2.5
8.0
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
LM4040D
2.5
10.0
mV
LM4040A/B
0.3
0.8
LM4040C
0.3
0.9
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz,
IAC = 0.1IR
LM4040D
0.3
1.1
Ω
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
35
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com