Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM4040
Description  Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4040 Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM4040 Datasheet HTML 1Page - Maxim Integrated Products LM4040 Datasheet HTML 2Page - Maxim Integrated Products LM4040 Datasheet HTML 3Page - Maxim Integrated Products LM4040 Datasheet HTML 4Page - Maxim Integrated Products LM4040 Datasheet HTML 5Page - Maxim Integrated Products LM4040 Datasheet HTML 6Page - Maxim Integrated Products LM4040 Datasheet HTML 7Page - Maxim Integrated Products LM4040 Datasheet HTML 8Page - Maxim Integrated Products LM4040 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Improved Precision Micropower Shunt Voltage
Reference with Multiple Reverse Breakdown Voltages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—2.048V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Reverse Current (cathode to anode) ..................................20mA
Forward Current (anode to cathode) ..................................10mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ............174mW
3-Pin SOT23 (derate 4.01mW/°C above +70°C)..........320mW
Operating Temperature Range
LM4040_I_ _ _..................................................-40°C to +85°C
LM4040_E_ _ _ ..............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s)..................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4040A (0.1%)
2.046
2.048
2.050
LM4040B (0.2%)
2.044
2.048
2.052
LM4040C (0.5%)
2.038
2.048
2.058
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4040D (1.0%)
2.028
2.048
2.068
V
LM4040A
±2.0
±15
LM4040B
±4.0
±17
LM4040C
±10
±23
Reverse Breakdown Voltage
Tolerance (Note 2)
VR
LM4040D
±20
±41
mV
LM4040A/B/C
45
65
Minimum Operating Current
IRMIN
LM4040D
45
70
µA
IR = 10mA
±20
LM4040A/B/C
±15
±100
IR = 1mA
LM4040D
±15
±150
Average Reverse Voltage
Temperature Coefficient
(Notes 2 and 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
LM4040A/B/C
0.3
1.0
IRMIN
≤ IR ≤ 1mA
LM4040D
0.3
1.2
LM4040A/B/C
2.5
8.0
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
LM4040D
2.5
10.0
mV
LM4040A/B
0.3
0.8
LM4040C
0.3
0.9
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz,
IAC = 0.1IR
LM4040D
0.3
1.1
Ω
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
28
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com