Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5477 Datasheet HTML 1Page - Maxim Integrated Products MAX5477 Datasheet HTML 2Page - Maxim Integrated Products MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX5477/MAX5478/MAX5479 nonvolatile, dual,
linear-taper, digital potentiometers perform the function
of a mechanical potentiometer, but replace the
mechanics with a simple 2-wire digital interface. Each
device performs the same function as a discrete poten-
tiometer or variable resistor and has 256 tap points.
The devices feature an internal, nonvolatile EEPROM
used to store the wiper position for initialization during
power-up. A write-protect feature prevents accidental
overwrites of the EEPROM. The fast-mode I2C-compati-
ble serial interface allows communication at data rates
up to 400kbps, minimizing board space and reducing
interconnection complexity in many applications. Three
address inputs allow a total of eight unique address
combinations.
The MAX5477/MAX5478/MAX5479 provide three nomi-
nal resistance values: 10k
Ω (MAX5477), 50kΩ
(MAX5478), or 100k
Ω (MAX5479). The nominal resistor
temperature coefficient is 70ppm/°C end-to-end and
10ppm/°C ratiometric. The low temperature coefficient
makes the devices ideal for applications requiring a low-
temperature-coefficient variable resistor, such as low-
drift, programmable gain-amplifier circuit configurations.
The MAX5477/MAX5478/MAX5479 are available in 16-
pin 3mm x 3mm x 0.8mm TQFN and 14-pin 4.4mm x
5mm TSSOP packages. These devices operate over
the extended -40°C to +85°C temperature range.
Applications
Mechanical Potentiometer Replacement
Low-Drift Programmable-Gain Amplifiers
Volume Control
Liquid-Crystal Display (LCD) Contrast Control
Features
o Power-On Recall of Wiper Position from
Nonvolatile Memory
o EEPROM Write Protection
o Tiny 3mm x 3mm x 0.8mm Thin QFN Package
o 70ppm/°C End-to-End Resistance Temperature
Coefficient
o 10ppm/°C Ratiometric Temperature Coefficient
o Fast 400kbps I2C-Compatible Serial Interface
o 1µA (max) Static Supply Current
o Single-Supply Operation: +2.7V to +5.25V
o 256 Tap Positions per Potentiometer
o ±0.5 LSB DNL in Voltage-Divider Mode
o ±1 LSB INL in Voltage-Divider Mode
Dual, 256-Tap, Nonvolatile,
I2C-Interface, Digital Potentiometers
________________________________________________________________
Maxim Integrated Products
1
19-3379; Rev 5; 11/11
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
EVALUATION
KIT
AVAILABLE
Ordering Information/Selector Guide
PART
TEMP RANGE
PIN-PACKAGE
END-TO-END
RESISTANCE (k )
TOP MARK
MAX5477ETE+T
-40°C to +85°C
16 TQFN-EP*
10
ABO
MAX5477EUD+
-40°C to +85°C
14 TSSOP
10
—
MAX5478ETE+T
-40°C to +85°C
16 TQFN-EP*
50
ABP
MAX5478EUD+
-40°C to +85°C
14 TSSOP
50
—
MAX5479ETE+T
-40°C to +85°C
16 TQFN-EP*
100
ABQ
MAX5479EUD+
-40°C to +85°C
14 TSSOP
100
—
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
*
EP = Exposed pad.
Functional Diagram
MAX5477
MAX5478
MAX5479
8-BIT
SHIFT
REGISTER
POR
16-BIT
LATCH
16-BIT
NV
MEMORY
SDA
SCL
WP
A0
A1
A2
8
256
POSITION
DECODER
8
8
256
256
POSITION
DECODER
256
HA
WA
LA
HB
WB
LB
VDD
GND
I
2C
INTERFACE


Similar Part No. - MAX5477

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477 MAXIM-MAX5477 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477ETE MAXIM-MAX5477ETE Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477ETE MAXIM-MAX5477ETE Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
More results

Similar Description - MAX5477

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
11/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com