Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products MAX5477 Datasheet HTML 11Page - Maxim Integrated Products MAX5477 Datasheet HTML 12Page - Maxim Integrated Products MAX5477 Datasheet HTML 13Page - Maxim Integrated Products MAX5477 Datasheet HTML 14Page - Maxim Integrated Products MAX5477 Datasheet HTML 15Page - Maxim Integrated Products MAX5477 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
14
______________________________________________________________________________________
VREGxNVREG: Data transfers from the volatile memory
register into the nonvolatile memory register.
Nonvolatile Memory
The internal EEPROM consists of a 16-bit nonvolatile
register that retains the value written to it prior to power
down. The nonvolatile register is programmed with the
midscale value at the factory. The nonvolatile memory
is guaranteed for 50 years for wiper position retention
and up to 200,000 wiper write cycles. A write-protect
feature prevents accidental overwriting of the EEPROM.
Connect WP to VDD or leave open to enable the write-
protect feature. The wiper position only updates with
the value in the EEPROM when WP = VDD. Connect WP
to GND to allow EEPROM write cycles and to update
the wiper position from nonvolatile memory or directly
from the I2C serial interface.
Power-Up
Upon power-up, the MAX5477/MAX5478/MAX5479
load the data stored in the nonvolatile memory register
into the volatile memory register, updating the wiper
position with the data stored in the nonvolatile memory
register. This initialization period takes 10µs.
Standby
The MAX5477/MAX5478/MAX5479 feature a low-power
standby mode. When the device is not being pro-
grammed, it enters into standby mode and supply cur-
rent drops to 500nA (typ).
Applications Information
The MAX5477/MAX5478/MAX5479 are ideal for circuits
requiring digitally controlled adjustable resistance,
such as LCD contrast control (where voltage biasing
adjusts the display contrast), or for programmable fil-
ters with adjustable gain and/or cutoff frequency.
Positive LCD Bias Control
Figures 9 and 10 show an application where the
MAX5477/MAX5478/MAX5479 provide an adjustable,
positive LCD bias voltage. The op amp provides buffer-
ing and gain to the resistor-divider network made by
the potentiometer (Figure 9) or by a fixed resistor and a
variable resistor (see Figure 10).
Programmable Filter
Figure 11 shows the MAX5477/MAX5478/MAX5479 in a
1st-order programmable application filter. Adjust the
gain of the filter with R2, and set the cutoff frequency
with R3. Use the following equations to calculate the
gain (A) and the -3dB cutoff frequency (fC):
Offset Voltage and Gain Adjustment
Connect the high and low terminals of one potentiome-
ter of a MAX5477 between the NULL inputs of a
MAX410 and the wiper to the op amp’s positive supply
to nullify the offset voltage over the operating tempera-
ture range. Install the other potentiometer in the feed-
back path to adjust the gain of the MAX410 (Figure 12).
Adjustable Voltage Reference
Figure 13 shows the MAX5477/MAX5478/MAX5479
used as the feedback resistors in multiple adjustable
voltage reference applications. Independently adjust
the output voltages of the MAX6160 parts from 1.23V to
VIN - 0.2V by changing the wiper positions of the
MAX5477/MAX5478/MAX5479.
A
R
R
f
RC
C
=+
=
××
1
1
2
1
2
3
π
VOUT
30V
5V
W_
H_
L_
MAX5477
MAX5478
MAX5479
MAX480
VOUT
30V
5V
W_
H_
L_
MAX5477
MAX5478
MAX5479
MAX480
Figure 9. Positive LCD Bias Control Using a Voltage-Divider
Figure 10. Positive LCD Bias Control Using a Variable Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com