Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5477 Datasheet HTML 2Page - Maxim Integrated Products MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products MAX5477 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
6
_______________________________________________________________________________________
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5477
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5478
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5478
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
064
32
96
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5478
-0.10
-0.08
-0.04
0
0.02
0.06
0.10
064
32
96
128 160 192 224 256
DIFFERENTIAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
-0.06
-0.02
0.08
0.04
MAX5478
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.14
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
0
0.04
0.02
0.10
0.08
0.12
0.06
0.14
064
32
96
128 160
192 224
256
DIFFERENTIAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5479
-0.20
-0.12
-0.16
-0.04
-0.08
0.04
0
0.08
0.16
0.12
0.20
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VRM MODE)
CODE
MAX5479
Typical Operating Characteristics (continued)
(VDD = +5V, H_ = VDD, L_ = GND, TA = +25°C, unless otherwise noted.)
0
0.05
0.15
0.10
0.25
0.30
0.20
0.35
064
96
32
128 160 192 224 256
INTEGRAL NONLINEARITY
vs. CODE (VDM MODE)
CODE
MAX5477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com