Electronic Components Datasheet Search
  English  ▼

X  

MAX5477 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5477 Datasheet HTML 1Page - Maxim Integrated Products MAX5477 Datasheet HTML 2Page - Maxim Integrated Products MAX5477 Datasheet HTML 3Page - Maxim Integrated Products MAX5477 Datasheet HTML 4Page - Maxim Integrated Products MAX5477 Datasheet HTML 5Page - Maxim Integrated Products MAX5477 Datasheet HTML 6Page - Maxim Integrated Products MAX5477 Datasheet HTML 7Page - Maxim Integrated Products MAX5477 Datasheet HTML 8Page - Maxim Integrated Products MAX5477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
5
0
0.2
0.6
0.4
0.8
1.0
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE (MAX5477)
TEMPERATURE (
°C)
VCC = 5V
WP = VDD
VCC = 3V
5
7
11
9
13
15
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
WP = GND
VCC = 3V
0
100
50
200
150
300
250
350
450
400
500
064
96
32
128 160 192 224 256
WIPER RESISTANCE
vs. INPUT CODE
INPUT CODE
200ns/div
TAP-TO-TAP SWITCHING TRANSIENT
SDA
2V/div
W_
50mV/div
MAX5477/78/79 toc03
MAX5477
CL = 10pF
H_ = VDD
FROM TAP 00 TO TAP 04
TAP-TO-TAP SWITCHING TRANSIENT
MAX5477/78/79 toc04
1
µs/div
SDA
2V/div
W_
20mV/div
MAX5478
CL = 10pF
H_ = VDD
FROM TAP 00 TO TAP 04
TAP-TO-TAP SWITCHING TRANSIENT
MAX5477/78/79 toc05
400ns/div
SDA
2V/div
W_
20mV/div
MAX5479
CW_ = 10pF
H_ = VDD
FROM TAP 00 TO TAP 04
2
µs/div
WIPER TRANSIENT AT POWER-ON
VDD
2V/div
W_
1V/div
MAX5477/78/79 toc06
MAX5477
TAP = 128
WIPER TRANSIENT AT POWER-ON
MAX5477/78/79 toc07
4
µs/div
VDD
2V/div
W_
1V/div
MAX5478
TAP = 128
WIPER TRANSIENT AT POWER-ON
MAX5477/78/79 toc08
2
µs/div
VDD
2V/div
W_
1V/div
MAX5479
TAP = 128
Typical Operating Characteristics
(VDD = +5V, H_ = VDD, L_ = GND, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com