Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128 Datasheet(HTML) 4 Page - Texas Instruments

  INA128 Datasheet HTML 1Page - Texas Instruments INA128 Datasheet HTML 2Page - Texas Instruments INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
INA128PA, UA
INA129PA, UA
INA128P, U
INA129P. U
PARAMETER
UNIT
MAX
TYP
MIN
MAX
TYP
MIN
CONDITIONS
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) − 1.4
(V+) − 0.9
V
Voltage: Negative
RL = 10kΩ
(V−) + 1.4
(V−) + 0.8
V
Load Capacitance Stability
1000
pF
Short-Circuit Current
+6/−15
mA
FREQUENCY RESPONSE
Bandwidth, −3dB
G = 1
1.3
MHz
G = 10
700
kHz
G = 100
200
kHz
G = 1000
20
kHz
Slew Rate
VO = ±10V, G = 10
4
V/
µs
Settling Time, 0.01%
G = 1
7
µs
G = 10
7
µs
G = 100
9
µs
G = 1000
80
µs
Overload Recovery
50% Overdrive
4
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
V
Current, Total
VIN = 0V
±700
±750
µA
TEMPERATURE RANGE
Specification
−40
+85
°C
Operating
−40
+125
°C
qJA
8-Pin DIP
80
°C/W
SO-8 SOIC
150
°C/W
NOTE:
∗ Specification is same as INA128P, U or INA129P, U.
(1) Input common-mode range varies with output voltage — see typical curves.
(2) Specified by wafer test.
(3) Temperature coefficient of the 50kΩ (or 49.4kΩ) term in the gain equation.
(4) Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is ±0.001%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com