Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA128 Datasheet HTML 2Page - Texas Instruments INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments INA128 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, unless otherwise noted.
INPUT−REFERRED NOISE vs FREQUENCY
Frequency (Hz)
110
1k
100
1k
100
10
1
10k
G= 1V/V
G = 10V/V
100
10
1
0.1
Current Noise
G = 100, 1000V/V
QUIESCENT CURRENT and SLEW RATE
vs TEMPERATURE
0.85
0.8
0.75
0.7
0.65
06
6
5
4
3
2
1
0
255075
100
125
I
Q
Slew Rate
−75
−50
−25
Temperature (
°C)
INPUT OFFSET VOLTAGE WARM−UP
10
8
6
4
2
0
0
100
200
300
400
500
−2
−4
−6
−8
−10
Time (
µs)
SETTLING TIME vs GAIN
Gain (V/V)
100
10
1
1
10
100
1000
0.01%
0.1%
INPUT OVER−VOLTAGE V/I CHARACTERISTICS
5
4
3
2
1
0
Input Voltage (V)
10
20
30
40
050
G= 1V/V
G= 1V/V
G = 1000V/V
G = 1000V/V
VIN
IIN
+15V
Flat region represents
normal linear operation.
−1
−2
−3
−4
−5
−10
−20
−30
−40
−50
−15V
INPUT BIAS CURRENT vs TEMPERATURE
2
1
0
0
25
50
75
100
125
I
OS
I
B
−25
−50
−75
−1
−2
Temperature (
°C)
Typical IB and IOS
Range
±2nA at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com