Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128 Datasheet(HTML) 5 Page - Texas Instruments

  INA128 Datasheet HTML 1Page - Texas Instruments INA128 Datasheet HTML 2Page - Texas Instruments INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, unless otherwise noted.
−
GAIN vs FREQUENCY
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100V/V
G= 10V/V
G= 1V/V
G = 1000V/V
−
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G= 1V/V
G= 10V/V
INPUT COMMON−MODE RANGE
Output Voltage (V)
05
15
15
10
5
0
10
G= 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
VCM
VO
VD/2
Ref
15V
+15V
+
−5
−10
−15
−
−
−
−5
−10
−15
vs OUTPUT VOLTAGE, VS = ±15V
COMMON−MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G= 1V/V
G = 10V/V
G = 100V/V
G = 1000V/V
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
G = 100V/V
G = 1000V/V
G= 1V/V
G= 10V/V
INPUT COMMON−MODE RANGE
Output Voltage (V)
5
4
3
2
1
0
0
123
4
5
G= 1
G= 1
G
≥ 10
G
≥ 10
G
≥ 10
G= 1
vs OUTPUT VOLTAGE, VS = ±5V, ±2.5V
−1
−2
−3
−4
−5
−1
−2
−3
−4
−5
VS = ±2.5V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com