Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128 Datasheet(HTML) 1 Page - Texas Instruments

  INA128 Datasheet HTML 1Page - Texas Instruments INA128 Datasheet HTML 2Page - Texas Instruments INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEATURES
D LOW OFFSET VOLTAGE: 50µV max
D LOW DRIFT: 0.5µV/5C max
D LOW INPUT BIAS CURRENT: 5nA max
D HIGH CMR: 120dB min
D INPUTS PROTECTED TO +40V
D WIDE SUPPLY RANGE: +2.25V to +18V
D LOW QUIESCENT CURRENT: 700µA
D 8-PIN PLASTIC DIP, SO-8
APPLICATIONS
D BRIDGE AMPLIFIER
D THERMOCOUPLE AMPLIFIER
D RTD SENSOR AMPLIFIER
D MEDICAL INSTRUMENTATION
D DATA ACQUISITION
DESCRIPTION
The INA128 and INA129 are low power, general
purpose instrumentation amplifiers offering excellent
accuracy. The versatile 3-op amp design and small size
make them ideal for a wide range of applications.
Current-feedback
input
circuitry
provides
wide
bandwidth even at high gain (200kHz at G = 100).
A single external resistor sets any gain from 1 to 10,000.
The INA128 provides an industry-standard gain
equation; the INA129 gain equation is compatible with
the AD620.
The INA128/INA129 is laser trimmed for very low offset
voltage
(50
µV),
drift
(0.5
µV/°C)
and
high
common-mode rejection (120dB at G
≥ 100). It
operates with power supplies as low as
±2.25V, and
quiescent current is only 700
µA—ideal for battery-
operated systems. Internal input protection can
withstand up to
±40V without damage.
The INA128/INA129 is available in 8-pin plastic DIP and
SO-8 surface-mount packages, specified for the –40
°C
to +85
°C temperature range. The INA128 is also
available in a dual configuration, the INA2128.
A
1
A
2
A
3
40k
Ω
40k
Ω
40k
Ω
40k
Ω
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V−
Ref
V
O
G= 1 +
49.4k
Ω
R
G
−
+
4
7
NOTE: (1) INA129: 24.7k
Ω
G= 1 +
50k
Ω
R
G
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
25k
Ω(1)
25k
Ω(1)
INA128:
INA129:
All trademarks are the property of their respective owners.
INA128
INA129
Precision, Low Power
INSTRUMENTATION AMPLIFIERS
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1995−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - INA128

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI1-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128 TI1-INA128 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
INA128 TI2-INA128 Datasheet
343Kb / 17P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
JUNE 2002
INA128 TI2-INA128 Datasheet
885Kb / 28P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
REVISED NOVEMBER 2004
More results

Similar Description - INA128

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com