Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9FG430 Datasheet HTML 6Page - Integrated Device Technology 9FG430 Datasheet HTML 7Page - Integrated Device Technology 9FG430 Datasheet HTML 8Page - Integrated Device Technology 9FG430 Datasheet HTML 9Page - Integrated Device Technology 9FG430 Datasheet HTML 10Page - Integrated Device Technology 9FG430 Datasheet HTML 11Page - Integrated Device Technology 9FG430 Datasheet HTML 12Page - Integrated Device Technology 9FG430 Datasheet HTML 13Page - Integrated Device Technology 9FG430 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
10
Differential Clock Tolerances, x1 = 14.31818MHz
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c
jitter
AbsPer
Max
35
100.00
9.94965
9.99965
10.00000
10.00035
10.05035
ns
1,2
-114
125.00
7.95091
8.00091
8.00000
7.99909
8.04909
ns
1,2
35
133.33
7.44974
7.49974
7.50000
7.50026
7.55026
ns
1,2
-104
166.67
5.95062
6.00062
6.00000
5.99937
6.04937
ns
1,2
35
200.00
4.94983
4.99983
5.00000
5.00018
5.05018
ns
1,2
42
266.67
3.69984
3.74984
3.75000
3.75016
3.80016
ns
1,2
-104
333.33
2.95031
3.00031
3.00000
2.99969
3.04969
ns
1,2
35
400.00
2.44991
2.49991
2.50000
2.50009
2.55009
ns
1,2
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-
Term
Average
Max
+c2c
jitter
AbsPer
Max
199
99.75
9.94906
9.99906
10.02406
10.02506
10.02706
10.05206 10.10206
ns
1,2
-100
124.69
7.94925
7.99925
8.01925
8.02005
8.01925
8.03925
8.08925
ns
1,2
199
133.00
7.44930
7.49930
7.51805
7.51880
7.52029
7.53904
7.58904
ns
1,2
10
166.25
5.94943
5.99943
6.01443
6.01504
6.01510
6.03010
6.08010
ns
1,2
199
199.50
4.94953
4.99953
5.01203
5.01253
5.01353
5.02603
5.07603
ns
1,2
-140
266.00
3.69965
3.74965
3.75902
3.75940
3.75887
3.76825
3.81825
ns
1,2
10
332.50
2.94972
2.99972
3.00722
3.00752
3.00755
3.01505
3.06505
ns
1,2
199
399.00
2.44977
2.49977
2.50602
2.50627
2.50676
2.51301
2.56301
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
SSC ON
-0.5%
Down
Spread
Center
Freq.
MHz
Synthesis
Error
(ppm)
Measurement Window
Units
Center
Freq.
MHz
Measurement Window
Units
2 All ppm specifications are guaranteed with the assumption that the REF output is tuned to the exact target XTAL frequency.
SSC OFF
or SSC +/-
0.25%
Center
Spread
Synthesis
Error
(ppm)
DIF
DIF
Notes
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com