Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 9FG430 Datasheet HTML 10Page - Integrated Device Technology 9FG430 Datasheet HTML 11Page - Integrated Device Technology 9FG430 Datasheet HTML 12Page - Integrated Device Technology 9FG430 Datasheet HTML 13Page - Integrated Device Technology 9FG430 Datasheet HTML 14Page - Integrated Device Technology 9FG430 Datasheet HTML 15Page - Integrated Device Technology 9FG430 Datasheet HTML 16Page - Integrated Device Technology 9FG430 Datasheet HTML 17Page - Integrated Device Technology 9FG430 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
14
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: M/N Programming Enable
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
M/N_Enable
M/N Prog. Enable
RW
Disable
Enable
0
Bit 6
1
Bit 5
REFOUT_En
REFOUT Enable
RW
Disable
Enable
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
PLL N Div8
N Divider Prog bit 8
RW
X
Bit 6
PLL N Div9
N Divider Prog bit 9
RW
X
Bit 5
PLL M Div5
RW
X
Bit 4
PLL M Div4
RW
X
Bit 3
PLL M Div3
RW
X
Bit 2
PLL M Div2
RW
X
Bit 1
PLL M Div1
RW
X
Bit 0
PLL M Div0
RW
X
-
Byte 10
-
The decimal representation of M
and N Divider in Byte 10 and 11 will
configure the PLL VCO frequency.
Default at power up = latch-in or
Byte 0 Rom table. VCO Frequency
= fXTAL x [NDiv(9:0)+8] /
[MDiv(5:0)+2]. The user does NOT
need to program these resgisters
for standard frequencies.
-
-
M Divider Programming
bit (5:0)
-
-
-
-
-
Reserved
Reserved
Reserved
Reserved
-
Reserved
-
-
-
5
-
Reserved
Reserved
Byte 9
-
-
Reserved
Reserved
Reserved
Reserved
Byte 8
-
-
-
-
-
-
-
Byte 7
-
-
-
-
-
-
-
-
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com