Electronic Components Datasheet Search
  English  ▼

X  

9FG430 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 9FG430 Datasheet HTML 10Page - Integrated Device Technology 9FG430 Datasheet HTML 11Page - Integrated Device Technology 9FG430 Datasheet HTML 12Page - Integrated Device Technology 9FG430 Datasheet HTML 13Page - Integrated Device Technology 9FG430 Datasheet HTML 14Page - Integrated Device Technology 9FG430 Datasheet HTML 15Page - Integrated Device Technology 9FG430 Datasheet HTML 16Page - Integrated Device Technology 9FG430 Datasheet HTML 17Page - Integrated Device Technology 9FG430 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
17
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
INDEX
AREA
1 2
N
D
E1
E
SEATING
PLANE
A1
A
A2
e
-
C-
b
c
L
aaa
C
α
28-Pin TSSOP Package Drawing and Dimensions
Ordering Information
Part / Order Number
Shipping Packaging
Package
Temperature
9FG430AFLF
Tubes
28-pin SSOP
0 to +70°C
9FG430AFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9FG430AFILF
Tubes
28-pin SSOP
-40 to +85°C
9FG430AFILFT
Tape and Reel
28-pin SSOP
-40 to +85°C
9FG430AGLF
Tubes
28-pin TSSOP
0 to +70°C
9FG430AGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
9FG430AGILF
Tubes
28-pin TSSOP
-40 to +85°C
9FG430AGILFT
Tape and Reel
28-pin TSSOP
-40 to +85°C
“LF” suffix to the part num ber are the Pb-Free configuration and are RoHS com pliant.
“A” is the device revision designator (w ill not correlate w ith the datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com