Electronic Components Datasheet Search
  English  ▼

X  

ACS42200 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ACS42200
Description  PORTABLE CONSUMER CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS42200 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ACS42200 Datasheet HTML 17Page - Integrated Device Technology ACS42200 Datasheet HTML 18Page - Integrated Device Technology ACS42200 Datasheet HTML 19Page - Integrated Device Technology ACS42200 Datasheet HTML 20Page - Integrated Device Technology ACS42200 Datasheet HTML 21Page - Integrated Device Technology ACS42200 Datasheet HTML 22Page - Integrated Device Technology ACS42200 Datasheet HTML 23Page - Integrated Device Technology ACS42200 Datasheet HTML 24Page - Integrated Device Technology ACS42200 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
21
V1.2 1/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS422X00
ACS422x00
LOW-POWER, HIGH-FIDELITY, INTEGRATED CODEC
range control processing element implements limiting, dynamic range compression, and dynamic range expansion
functions.
3.6.
Limiter
The Limiter function will limit the output of the DSP module to the Class-D and DAC modules. If the signal is greater
than 0dB it will saturate at 0dB as the final processing step within the DSP module.
There are times when the user may intentionally want the output Limiter to perform this saturation, for example +6dB of
gain applied within the DSP gain control and then limited to 0dB when output to the Class-D module would result in a
clipped signal driving the speaker output. This clipped signal would obviously contribute to increased distortion on the
speaker output which from the user listening perception it would “sound louder”.
At other times, the system implementor may wish to protect speakers from overheating or provide hearing protection by
intentionally limiting the output level before full scale is reached. A limit threshold, independent of the compressor
threshold is provided for this purpose. It is expected that the limit threshold is set to a higher level than the compressor
threshold.
3.7.
Compressor
Figure 7. Gain Compressor, Output vs Input
The traditional compressor algorithm provides two functions simultaneously (depending on signal level). For higher
Input (dBFS)
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-16
-18
-20
-22
-14
-12
-10
-8
-6
-4
-2
0
Limit Threshold:
Compressor Threshold:
Compressor Ratio:
3:1
-14.25 dBFS
-6 dBFS
Expander Threshold:
-18 dBFS
Expander Ratio:
1:2
Expanded
Output Range
Natural Output Range
Compressed Output Range
Compressor Threshold
Expander Threshold
Limit Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com