Electronic Components Datasheet Search
  English  ▼

X  

ACS42200 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ACS42200
Description  PORTABLE CONSUMER CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS42200 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ACS42200 Datasheet HTML 9Page - Integrated Device Technology ACS42200 Datasheet HTML 10Page - Integrated Device Technology ACS42200 Datasheet HTML 11Page - Integrated Device Technology ACS42200 Datasheet HTML 12Page - Integrated Device Technology ACS42200 Datasheet HTML 13Page - Integrated Device Technology ACS42200 Datasheet HTML 14Page - Integrated Device Technology ACS42200 Datasheet HTML 15Page - Integrated Device Technology ACS42200 Datasheet HTML 16Page - Integrated Device Technology ACS42200 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
13
V1.2 1/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS422X00
ACS422x00
LOW-POWER, HIGH-FIDELITY, INTEGRATED CODEC
3.2.
Volume Control
The signal volume can be controlled digitally, across a gain and attenuation range of -95.25dB to 0dB (0.375dB steps).
The level of attenuation is specified by an eight-bit code, ‘DACVOL_x’, where ‘x’ is L, or R. The value “00000000” indi-
cates mute; other values select the number of 0.375dB steps above -95.625dB for the volume level.
The Volume Update bits control the updating of volume control data; when a bit is written as ‘0’, the Left Volume control
associated with that bit is updated whenever the left volume register is written and the Right Volume control is updated
when ever the right volume register is written. When a bit is written as ‘1’, the left volume data is placed into an internal
holding register when the left volume register is written and both the left and right volumes are updated when the right
volume register is written. This enables a simultaneous left and right volume update
The output path may be muted automatically when a long string of zero data is received. The length of zeros is pro-
grammable and a detection flag indicates when a stream of zero data has been detected.
Register Address
Bit
Label
Type
Default
Description
R31 (1Fh)
CONFIG0
7:6
ASDM[1:0]
RW
10h
ADC Modulator Rate
5:4
DSDM[1:0]
RW
10h
DAC Modulator Rate
3:2
RSVD
R
0h
Reserved for future use.
1
dc_bypass
RW
0
1 = bypass DC removal filter
(WARNING DC content can damage speakers)
0
RSVD
R
0
Reserved
Table 5. CONFIG0 Register
Register Address
Bit
Label
Type
Default
Description
R10 (0Ah)
VUCTL
7
ADCFade
RW
1
1 = volume fades between old/new value
0 = volume/mute changes immediately
6
DACFade
RW
1
1 = volume fades between old/new value
0 = volume/mute changes immediately
5
RSVD
R
0
Reserved for future use.
4INVOLU
RW
0
0 = Left input volume updated immediately
1 = Left input volume held until right input volume
register written.
3
ADCVOLU
RW
0
0 = Left ADC volume updated immediately
1 = Left ADC volume held until right ADC volume
register written.
2
DACVOLU
RW
0
0 = Left DAC volume updated immediately
1 = Left DAC volume held until right DAC volume
register written.
1
SPKVOLU
RW
0
0 = Left speaker volume updated immediately
1 = Left speaker volume held until right speaker
volume register written.
0
HPVOLU
RW
0
0 = Left headphone volume updated immediately
1 = Left headphone volume held until right
headphone volume register written.
Table 6. Volume Update Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com