Electronic Components Datasheet Search
  English  ▼

X  

ACS42200 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # ACS42200
Description  PORTABLE CONSUMER CODEC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS42200 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button ACS42200 Datasheet HTML 75Page - Integrated Device Technology ACS42200 Datasheet HTML 76Page - Integrated Device Technology ACS42200 Datasheet HTML 77Page - Integrated Device Technology ACS42200 Datasheet HTML 78Page - Integrated Device Technology ACS42200 Datasheet HTML 79Page - Integrated Device Technology ACS42200 Datasheet HTML 80Page - Integrated Device Technology ACS42200 Datasheet HTML 81Page - Integrated Device Technology ACS42200 Datasheet HTML 82Page - Integrated Device Technology ACS42200 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
79
V1.2 1/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS422X00
ACS422x00
LOW-POWER, HIGH-FIDELITY, INTEGRATED CODEC
8.5.
Typical Power Consumption
8.6.
Low Power Mode Power Consumption
Table 90. Low power mode power consumption
Low Power Settings
1) DAC/ADC modulators set to half rate
2) Constant Output Power function disabled
3) All unused functions disabled (for example, Input PGA, Input mux, and ADC disabled for playback
tests)
4) Register 0x73=0x06
5) Register 0x75=0x02
6) PLL block power consumption not included
Mode
AVDD
(V)
PVDD
(V)
DVDD_IO
DVDD_CORE
(V)
IAVDD
(mA)
IPVDD
(mA)
IDVDD_I
O
(mA)
IDVDD_CO
RE
(mA)
PTOTAL
(mW)
Notes
Playback to
Headphone
only
1.9
3.6
1.9
11
0
2
8
40
Full scale 1Vrms/10Kohm, does not
include PLL/clock buffer section.
fs=48kHz, stereo.
Playback to
Headphone
only
1.9
3.6
1.9
60
0
2
8
133
Full scale 800mVrms/16ohm; does
not include PLL/clock buffer section.
fs=48kHz, stereo.
Playback to
Speaker
only
1.9
3.6
1.9
<1
329
2
9
1206
Full scale 500mW/8ohms; includes
load but not PLL/clock buffer section.
fs=48kHz, stereo.
Record only
1.9
3.6
1.9
8
0
2
6
28
Full scale 500mVrms; does not
include PLL/clock buffer section.
fs=48kHz, stereo.
Table 89. Typical Power Consumption
Mode
AVDD
(V)
PVDD
(V)
DVDD_IO
DVDD_CORE
(V)
IAVDD
(mA)
IPVDD
(mA)
IDVDD_I
O
(mA)
IDVDD_CO
RE
(mA)
PTOTAL
(mW)
Notes
Playback to
Headphone
only
1.9
3.6
1.9
7
<1
2
7
29
Full scale 1Vrms/10Kohm, does not
include PLL/clock buffer section.
fs=48kHz, stereo.
Playback to
Headphone
only
1.9
3.6
1.9
49
<1
2
7
110
Full scale 707mVrms/16ohm/1%;
does not include PLL/clock buffer
section. fs=48kHz, stereo.
Playback to
Speaker
only
1.9
3.6
1.9
<1
336
2
7
1228
500mW/8ohms; includes load but not
PLL/clock buffer section. fs=48kHz,
stereo.
Record only
1.9
3.6
1.9
3
0
1
5
17
Full scale 500mVrms; does not
include PLL/clock buffer section.
fs=48kHz, stereo.
Record only
1.9
3.6
1.9
3
0
<1
4
12
Full scale 500mVrms; does not
include PLL/clock buffer section.
fs=8kHz, stereo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com