Electronic Components Datasheet Search
  English  ▼

X  

ICS87972I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS87972I
Description  LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87972I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS87972I Datasheet HTML 1Page - Integrated Device Technology ICS87972I Datasheet HTML 2Page - Integrated Device Technology ICS87972I Datasheet HTML 3Page - Integrated Device Technology ICS87972I Datasheet HTML 4Page - Integrated Device Technology ICS87972I Datasheet HTML 5Page - Integrated Device Technology ICS87972I Datasheet HTML 6Page - Integrated Device Technology ICS87972I Datasheet HTML 7Page - Integrated Device Technology ICS87972I Datasheet HTML 8Page - Integrated Device Technology ICS87972I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
87972DYI
www.idt.com
REV. E JUNE 25, 2010
5
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. OUTPUT BANK CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
Os
t
u
p
n
Is
t
u
p
t
u
Os
t
u
p
n
Is
t
u
p
t
u
O
1
A
_
L
E
S
F0
A
_
L
E
S
FA
Q1
B
_
L
E
S
F0
B
_
L
E
S
FB
Q1
C
_
L
E
S
F0
C
_
L
E
S
FC
Q
00
4
÷0
0
4
÷0
0
2
÷
01
6
÷0
1
6
÷0
1
4
÷
10
8
÷1
0
8
÷1
0
6
÷
11
2
1
÷1
1
0
1
÷1
1
8
÷
TABLE 3B. FEEDBACK CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
2
B
F
_
L
E
S
F1
B
F
_
L
E
S
F0
B
F
_
L
E
S
FB
F
Q
00
0
4
÷
00
1
6
÷
01
0
8
÷
01
1
0
1
÷
10
0
8
÷
10
1
2
1
÷
11
0
6
1
÷
11
1
0
2
÷
TABLE 3C. CONTROL INPUT SELECT FUNCTION TABLE
n
i
P
l
o
r
t
n
o
C0
c
i
g
o
L1
c
i
g
o
L
L
E
S
_
O
C
V2
/
O
C
VO
C
V
L
E
S
_
F
E
R1
K
L
C
r
o
0
K
L
CL
A
T
X
L
E
S
_
K
L
C0
K
L
C1
K
L
C
L
E
S
_
L
L
PL
L
P
S
S
A
P
Y
BL
L
P
e
l
b
a
n
E
E
O
/
R
M
nZ
i
H
t
u
p
t
u
O
/
t
e
s
e
R
r
e
t
s
a
Ms
t
u
p
t
u
O
e
l
b
a
n
E
K
L
C
_
V
N
I3
C
Q
,
2
C
Q
d
e
t
r
e
v
n
I
-
n
o
N3
C
Q
,
2
C
Q
d
e
t
r
e
v
n
I
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
A
D
D
V
,
D
D
V
,
O
D
D
V
5
6
4
.
3
=8
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O5
7
2
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com