Electronic Components Datasheet Search
  English  ▼

X  

ICS87972I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS87972I
Description  LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87972I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS87972I Datasheet HTML 1Page - Integrated Device Technology ICS87972I Datasheet HTML 2Page - Integrated Device Technology ICS87972I Datasheet HTML 3Page - Integrated Device Technology ICS87972I Datasheet HTML 4Page - Integrated Device Technology ICS87972I Datasheet HTML 5Page - Integrated Device Technology ICS87972I Datasheet HTML 6Page - Integrated Device Technology ICS87972I Datasheet HTML 7Page - Integrated Device Technology ICS87972I Datasheet HTML 8Page - Integrated Device Technology ICS87972I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
87972DYI
www.idt.com
REV. E JUNE 25, 2010
1
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
PIN ASSIGNMENT
GENERAL DESCRIPTION
The ICS87972I is a low skew, LVCMOS/LVTTL Clock
Generator. The ICS87972I has three selectable inputs
and provides fourteen LVCMOS/LVTTL outputs.
The ICS87972I is a highly flexible device. Using the crystal
oscillator input, it can be used to generate clocks for a
system. All of these clocks can be the same frequency or
the device can be configured to generate up to three
different frequencies among the three output banks. Using
one of the single ended inputs, the ICS87972I can be
used as a zero delay buffer/multiplier/divider in clock
distribution applications.
The three output banks and feedback output each have their
own output dividers which allows the device to generate a
multitude of different bank frequency ratios and output-to-
input frequency ratios. In addition, 2 outputs in Bank C (QC2,
QC3) can be selected to be inverting or non-inverting.
The output frequency range is 8.33MHz to125MHz. Input
frequency range is 5MHz to 120MHz.
The ICS87972I also has a QSYNC output which can be used
for system synchronization purposes. It monitors Bank A and
Bank C outputs and goes low one period of the faster clock
prior to coincident rising edges of Bank A and Bank C clocks.
QSYNC then goes high again when the coincident rising
edges of Bank A and Bank C occur. This feature is used
primarily in applications where Bank A and Bank C are
running at different frequencies, and is particularly useful
when they are running at non-integer multiples of one
another.
Example Applications:
1.
System Clock generator: Use a 16.66MHz Crystal to
generate eight 33.33MHz copies for PCI and four
100MHz copies for the CPU or PCI-X.
2.
Line Card Multiplier: Multiply 19.44MHz from a back
plane to 77.76MHz for the line Card ASICs and Serdes.
3.
Zero Delay buffer for Synchronous memory: Fan out up
to twelve 100MHz copies from a memory controller ref-
erence clock to the memory chips on a memory module
with zero delay.
FEATURES
• Fully integrated PLL
• Fourteen LVCMOS/LVTTL outputs; (12) clocks,
(1) feedback, (1) sync
• Selectable crystal oscillator interface or LVCMOS/LVTTL
reference clock inputs
• CLK0, CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Output frequency range: 8.33MHz to 125MHz
• VCO range: 200MHz to 480MHz
• Output skew: 550ps (maximum)
• Cycle-to-cycle jitter: ±100ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard andd lead-free RoHS-compliant
packages
• Compatible with PowerPC™andPentium™ Microprocessors
40
41
42
43
44
45
46
47
48
49
50
51
52
1
2
3
4
5 6
7
8
9 10 11 12 13
26
25
24
23
22
21
20
19
18
17
16
15
14
39 38 37 36 35 34 33 32 31 30 29 28 27
FSEL_B1
FSEL_B0
FSEL_A1
FSEL_A0
QA3
VDDO
QA2
GNDO
QA1
VDDO
QA0
GNDO
VCO_SEL
FSEL_FB1
QSYNC
GNDO
QC0
VDDO
QC1
FSEL_C0
FSEL_C1
QC2
VDDO
QC3
GNDO
INV_CLK
52-Lead LQFP
10mm x 10mm x 1.4mm package body
Y package
Top View
ICS87972I


Similar Part No. - ICS87972I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
logo
Integrated Device Techn...
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
Fully integrated PLL
More results

Similar Description - ICS87972I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com