Electronic Components Datasheet Search
  English  ▼

X  

M685 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M685 Datasheet(HTML) 3 Page - Integrated Device Technology

  M685 Datasheet HTML 1Page - Integrated Device Technology M685 Datasheet HTML 2Page - Integrated Device Technology M685 Datasheet HTML 3Page - Integrated Device Technology M685 Datasheet HTML 4Page - Integrated Device Technology M685 Datasheet HTML 5Page - Integrated Device Technology M685 Datasheet HTML 6Page - Integrated Device Technology M685 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M685 Datasheet Rev 0.7
3 of 7
Revised 29Jul2009
Inte grated De vic e Te chn olog y, Inc.
● Com m u nica t ion M odu les ● www.id t.c om ● te l (508) 8 52-54 00
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Preliminar y In f o r m atio n
ELECTRICAL SPECIFICATIONS FOR M685-01
DC Characteristics for M685-01
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq.’s = 155.52, 167.3316MHz, Outputs terminated into 180
Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
90
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
100
k
Ω
Frequency
Select1
Note 1: Internally pulled down to Logic 0 (Frequency 1) if left unselected.
V
IH
Input High Voltage
F_SEL
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpulldown Internal Pull-down Resistor
51
k
Ω
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75 V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63 V
V
P
-P
Peak to Peak Output Voltage2
Note 2: Single-ended measurement. See Figure 3, Output Rise and Fall Time, on pg. 5.
0.450
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 5: DC Characteristics for M685-01
AC Characteristics for M685-01
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq.’s = 155.52, 167.3316MHz, Outputs terminated into 180
Ω to ground
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
600
kHz
Output
F
OUT
Output Center Frequency Range M685-01
125
177
MHz
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range specification that is commonly required.
±120
ppm
f
STAB
Frequency Stability
100
ppm p-p At any givin VIN
L
IN
Tuning Linearity
6
%
VIN = 0.3 to 3.0V
Best fit straight line
K
VCO
VCO Gain
@155.52MHz
400
ppm/V VIN = 0.3 to 3.0V
Non-harmonic Spurious
-50
-77
dBc
Φ n
SSB (single sideband)
Phase Noise, offset
from carrier
@155.52MHz
100Hz Offset
-48
dBc/Hz
1kHz Offset
-75
dBc/Hz
10kHz Offset
-99
dBc/Hz
100kHz Offset
-124
dBc/Hz
1MHz Offset
-142
dBc/Hz
J(t)
Jitter (rms)
@155.52MHz
12kHz to 20MHz
0.30
ps rms
50kHz to 80MHz
0.18
ps rms
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 5.
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
Table 6: AC Characteristics for M685-01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com