Electronic Components Datasheet Search
  English  ▼

X  

M685 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M685 Datasheet(HTML) 1 Page - Integrated Device Technology

  M685 Datasheet HTML 1Page - Integrated Device Technology M685 Datasheet HTML 2Page - Integrated Device Technology M685 Datasheet HTML 3Page - Integrated Device Technology M685 Datasheet HTML 4Page - Integrated Device Technology M685 Datasheet HTML 5Page - Integrated Device Technology M685 Datasheet HTML 6Page - Integrated Device Technology M685 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M685 Datasheet Rev 0.7
Revised 29Jul2009
Inte grated De vic e Te chn olog y, Inc.
● Com m u nica t ion M odu les ● www.id t.c om ● te l (508) 8 52-54 00
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Prelim ina r y Inf o r m ation
GENERAL DESCRIPTION
The M685 is a dual SAW, selectable frequency VCSO
frequency source for low-jitter clock
generation. An integrated SAW (surface
acoustic wave) delay line implements the
high-Q VCO (voltage controlled oscillator)
function, which results in low output phase
noise and very low jitter. The M685-01 is available in
a range of center frequencies from 125 to 177 MHz.
The M685-02 provides 500 to 708 MHz. Guaranteed
minimum pull-range of ±120 ppm meets GbE
requirements. (It also fully satisfies ±50 ppm minimum
pull-range specification commonly required.) Industry-
standard Kvco (VCO Gain) provides full replacement
compatibility. The M685 is well suited for phase-locked
loop implementations, clock and data recovery circuits,
and other timing applications in telecom and optical
fiber networking systems (e.g., OC-48).
FEATURES
◆ Two integrated SAW devices and selectable output
frequency; supports multi-rate optical interfaces
◆ M685-01 output frequencies from 125 to 177 MHz
M685-02 output frequencies from 500 to 708 MHz
(Specify center frequencies at time of order)
◆ Industry-standard Kvco for full compatibility
◆ Low phase jitter 0.2ps rms typical for the M685-02
(50kHz to 80MHz)
◆ Differential 3.3V LVPECL output
◆ Single 3.3V power supply
◆ Small 5 x 7.5mm SMT (surface mount) package
◆ Pb-free / Compliant to EC RoHS Directive
PIN ASSIGNMENT (5 x 7.5mm SMT)
Figure 1: Pin Assignment
BLOCK DIAGRAM
Figure 2: Block Diagram
Sample of Available Output Frequencies
VCSO Center
Frequencies1 (MHz)
Note 1: Specify VCSO center frequencies at time of order
Applications
155.5200, 167.3316
SONET/SDH, SONET/SDH FEC
156.2500, 161.1328
Gigabit Ethernet, GbE FEC
622.0800, 669.3266
SONET/SDH, SONET/SDH FEC
625.0000, 644.5313
Gigabit Ethernet, GbE FEC
Table 1: Sample of Available Output Frequencies
M680
(Top View)
M685
F_SEL
VIN
nFOUT
SAW Delay Line
Phase
Shifter
M685
VCSO
FOUT
SAW Delay Line
Phase
Shifter
VCSO
M685 Dual SAW, Selectable Frequency VCSO


Similar Part No. - M685

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
M685-01-BA-BH ICST-M685-01-BA-BH Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
M685-01-BB-BD ICST-M685-01-BB-BD Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
M685-02-AA-AH ICST-M685-02-AA-AH Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
M685-02-AB-AD ICST-M685-02-AB-AD Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
More results

Similar Description - M685

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M660 ICST-M660 Datasheet
59Kb / 1P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 2.1
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 3.0
M685 ICST-M685 Datasheet
281Kb / 7P
DUAL SAW, SELECTABLE FREQUENCY VCSO
Rev 0.4
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
Dual Frequency VCSO
logo
Integrated Circuit Syst...
M672 ICST-M672 Datasheet
194Kb / 4P
VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Rev 0.2
logo
Vectron International, ...
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com