Electronic Components Datasheet Search
  English  ▼

X  

M685 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M685 Datasheet(HTML) 6 Page - Integrated Device Technology

  M685 Datasheet HTML 1Page - Integrated Device Technology M685 Datasheet HTML 2Page - Integrated Device Technology M685 Datasheet HTML 3Page - Integrated Device Technology M685 Datasheet HTML 4Page - Integrated Device Technology M685 Datasheet HTML 5Page - Integrated Device Technology M685 Datasheet HTML 6Page - Integrated Device Technology M685 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M685 Datasheet Rev 0.7
6 of 7
Revised 29Jul2009
Inte grated De vice Te chn ology, In c.
● Com m u nicatio n M odu les ● www.id t.co m ● te l (5 08) 8 52-54 00
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Preliminar y In f o r m ation
ORDERING INFORMATION
Part Numbering Scheme
Figure 6: Part Numbering Scheme
Example Order Numbers
M685-01 Standard Output Frequencies & Order Codes
M685-02 Standard Output Frequencies & Order Codes
Consult IDT for the availability of other frequencies
For Output Frequencies (MHz)
Frequency 1, Frequency 2
Order Part Number
M685-0y-xx-xx
155.5200, 167.3316
M685-01-BA-BH
156.2500, 161.1328
M685-01-BB-BD
622.0800, 669.3266
M685-02-AA-AH
625.0000, 644.5313
M685-02-AB-AD
Table 9: Example Order Numbers
M685
Part Number:
M680-01 - xx -xx
See Tables 10 and 11 at right for frequency order codes.
Device Number
Consult ICS for other frequencies and order codes.
M685
Variant
-01 = Output Frequencies 125 - 177 MHz
-02 = Output Frequencies 500 - 708 MHz
-0y
Output Frequency 1 Order Code
Output Frequency 2 Order Code
125.0000 DA
168.0407 BJ
155.5200 BA
172.6423 BK
156.2500 BB
173.3708 BL
156.8324 BC
164.3555 BM
161.1328 BD
153.6000 BO
166.6286 BE
118.7500 BP
167.2820 BF
176.8382 BQ
167.3280 BG
156.1762 BR
167.3316 BH
174.1537 BU
167.7097 BI
174.7031 BV
Table 10: M685-01 Standard Output Frequencies & Order Codes
500.0000 CA
672.1627 AJ
622.0800 AA
690.5692 AK
625.0000 AB
693.4830 AL
627.3296 AC
657.4219 AM
644.5313 AD
614.4000 AO
666.5143 AE
475.0000 AP
669.1281 AF
707.3527 AQ
669.3120 AG
624.7048 AR
669.3266 AH
696.6149 AU
670.8386 AI
698.8123 AV
Table 11: M685-02 Standard Output Frequencies & Order Codes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com