Electronic Components Datasheet Search
  English  ▼

X  

M685 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # M685
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M685 Datasheet(HTML) 7 Page - Integrated Device Technology

  M685 Datasheet HTML 1Page - Integrated Device Technology M685 Datasheet HTML 2Page - Integrated Device Technology M685 Datasheet HTML 3Page - Integrated Device Technology M685 Datasheet HTML 4Page - Integrated Device Technology M685 Datasheet HTML 5Page - Integrated Device Technology M685 Datasheet HTML 6Page - Integrated Device Technology M685 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M685 Datasheet Rev 0.7 - Errata
Revised 29Jul2009
Integ r ated De vice Te chn ology, In c.
● Com m u nicatio n M odu les ● www.id t.co m ● te l (5 08) 8 52-540 0
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Er rata
PRODUCT APPLICATION CAUTION
F_SEL Change During Power-Up Can Affect Output Frequency Accuracy
M685E1
The M685 features an F_SEL input which is used to select the internal VCSO frequency.
The F_SEL input logic level should not be changed while the M685 device is in operation (that is, voltage
is applied to the pin VCC), particularly when the pin VIN (the control voltage input) is above 2.0V.
Changing the F_SEL input logic level during operation may result in an erroneous output frequency.
It is safe to change F_SEL during operation if pin VIN can be held low, or at least below 2.0V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com