Electronic Components Datasheet Search
  English  ▼

X  

MM1510 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MM1510
Description  6dB Amplifier with 75OHM Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1510 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MM1510 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MM1510
PIN ASSIGNMENT
1
SAG
2
OUT
3
Vcc
4
IN
5
GND
6
PS
SOT23-6
MARKING INFORMATION:
2/5
ABSOLUTE MAXIMUM RATING(Tamb=25℃)
Characteri stics
Symbol
Value
Unit
Power supp ly voltage
Vcc
15
V
When alone
200
Allowable l oss
When mounted on board
PD
350 *
mW
Operating temperature
Tstg
-30~+75
℃
Storage temperature
Topr
-40~+125
℃
* Board size 100mm×100mm t=1.6s
RECOMMENDED OPERATING CONDITIONS
Characteri stics
Symbol
Min.
Typ.
Max
Unit
Power supp ly voltage
Vcc
4.5
13
V
Print Model
Data Code
1-9
1
-9week
MM1510: P
10
-35week
A-Z
a-s
36
-54week
Year Code
2010
A
2011
B
2012
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com