Electronic Components Datasheet Search
  English  ▼

X  

MM1510 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # MM1510
Description  6dB Amplifier with 75OHM Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1510 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  MM1510 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MM1510
Measurement Procedures
Consu mption current for
PS
Connect a DC ammeter to the VCC pin and measure.
ICC1
Consu mption current for
PS
Connect a DC ammeter to the VCC pin and measure.
ICC2
Connect a DC ammeter to the VCC pin. Gradually
lower from VC1 =VCC. VC1 voltage when
consumption current is reduced from ICC1 to
PS input vo ltage
110% of ICC2 is VIL. Gradually raise from VC1 =
0V. VC1 voltage when consumption current
increases from ICC2 to 90% of ICC1 is VIH.
VI
From here on, short the ammeter when using it.
Input a 1.0VP-P, 100kHz sine wave to SG1. If TP1
voltage is V1 and TP2 voltage is V2, find GV by the
following formula: GV = 20LOG (V2/V1) dB
Voltage gain
GV
In the above GV measurement, if TP2 voltage at
7MHz is V3, find fc by the following formula.
Frequenc y characteri stic
fc
fc = 20LOG (V3/V2) dB
Input a 1.0VP-P staircase to SG1 and measure
differential gain at TP2. APL = 10 ~ 90%
Differential gain
DG
Differential phase
The same as for DG, but measure differential phase.
DP
Input a 100kHz sine wave to SG1. Measure DR, the
maximum amplitude under THD 1%, at TP2.
Output dyn ami c range
VD
TEST CIRCUIT
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com