Electronic Components Datasheet Search
  English  ▼

X  

MM1510 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # MM1510
Description  6dB Amplifier with 75OHM Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1510 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  MM1510 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MM1510
3/5
ELECTRICAL CHARACTERISTICS
(
Unless o therwise sp ecified, Vcc=5V,Ta=25℃)
Characteri stics
Symbol
Test conditions
Min.
Typ.
Max
Unit
Consumption current
ICC1
Refer to measurement
procedures
6.4
8.3
mA
Current consumption for PS
ICC2
Refer to measurement
procedures
20
30
µA
PS input voltage L
VPSL
Refer to measurement
procedures
0.3
V
PS input voltage H
VPSH
Refer to measurement
procedures
1.8
V
Input pin voltage
VIN
No-signal,no-load
1.15
1.35
1.55
V
Output pin voltage
VOUT
No-signal,no-load
1.15
V
Voltage gain
GV
Refer to measurement
procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement
procedures
-1
0
+1
dB
Differential gain
DG
Refer to measurement
procedures
-3
0
+3
%
Differential phase
DP
Refer to measurement
procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement
procedures
2.6
3.0
V
MEASUREMENT PROCEDURES
Swi tch Sta tus
Switch
status
Switch
status
Item
Symbol
S1
S2
Item
Symbol
S1
S2
Consumption current
ICC1
2
1
Voltage gain
GV
1
1
Consumption
current
for PS
ICC2
2
3
Frequency
characteristic
fc
1
1
1PS input voltage L
VIL
Differential gain
DG
1
1
PS input voltage H
VIH
2
2
Output dynamic range
VD
1
1
Differential phase
DP
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com