Electronic Components Datasheet Search
  English  ▼

X  

MM1510 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MM1510
Description  6dB Amplifier with 75OHM Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1510 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MM1510 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1510 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6dB Amplifier with 75Ω Driver
MM1510
DESCRIPTION
This IC i s for video signal/chro ma signal 75Ω driver, It is ideal fo r video signal output
in devices ranging fro m po rtable digital still cameras to stationary equip ment such as
DVD players. The built-in amp gain on this IC is 6dB and also with input clamp,
allowing support for a range of video signals, not just co mposite signals.
FEATURE
Low power consu mption achieved.
Low power supply voltage realized.
Frequency bandwidth
without 75Ω driver:10MHz
with75Ω driver:7MHz
Cross talk 70dB When 4.43Mhz
With SAG measures p in(75Ω driver and Y/C mix driv er)
APPLICATIONS
TV
VTR
Video camera
Digital still camera
Other visual equip men t
BLOCK DIAGRAM
1/24
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MM1510

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1510 MITSUMI-MM1510 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
More results

Similar Description - MM1510

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
Video Driver with 6dB Gain
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
Video Driver with 6dB Gain
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
6dB Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
Dual Video Driver with 6dB Gain
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
Dual Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com