Electronic Components Datasheet Search
  English  ▼

X  

NE555D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # NE555D
Description  Single Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

NE555D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  NE555D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NE555N/NE555D
BLOCK DIAGRAM AND PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Power Supply voltage
Vcc
16
V
Power Dissipation
Pd
600
mW
Operating temperature
Topr
-0~+70
°C
Storage temperature
Tstg
-65~+150
°C
Lead Temperature (Soldering 10sec)
TLEAD
300
°C
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com