Electronic Components Datasheet Search
  English  ▼

X  

NE555D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # NE555D
Description  Single Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

NE555D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  NE555D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NE555N/NE555D
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Vcc=5~15V, Ta=25
°C)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Vo ltage
Vcc
4 . 5
1 6
V
Vcc=5V,RL=∞
3
6
Supply current(low stable)*
Icc
Vcc=15V,RL=∞
7 . 5
1 5
mA
Ti ming Error(Monostable)
Initial Accuracy **
Drift with Te mperature****
Drift with Supply Vo latge****
ACCUR
∆t/∆T
∆t/∆Vcc
RA=1kΩ to 100kΩ
C=0.1µF
1.0
50
0.1
3.0
0.5
%
ppm/
°C
%/V
Ti ming Error(Astable)
Initial Accuracy **
Drift with Te mperature****
Drift with Supply Vo latge****
ACCUR
∆t/∆T
∆t/∆Vcc
RA=1kΩ to 100kΩ
C=0.1µF
2.25
150
0.3
%
ppm/
°C
%/V
Vcc=15V
9 . 0
1 0 . 0
11 . 0
Control Vo ltage
Vc
Vcc=5V
2 . 6
3 . 3 3
4 . 0
V
Vcc=15V
1 0 . 0
Threshold Vo ltage
VTH
Vcc=5V
3 . 3 3
V
Threshold Current***
ITH
0 . 1
0 . 2 5
µ A
Vcc=5V
1 . 1
1 . 6 7
2 . 2
Tr igger Vo ltage
VTR
Vcc=15V
4 . 5
5
5 . 6
V
Tr igger Current
ITR
VTR=0V
0 . 0 1
2 . 0
µ A
Reset Vo ltage
VRST
0 . 4
0 . 7
1 . 0
V
Reset Current
IRST
0 . 1
0 . 4
m A
Vcc=15V
ISINK=10mA
ISINK=50mA
0.06
0.3
0.25
0.75
Low Output Vo ltage
VOL
Vcc=5V
ISINK=5mA
0 . 0 5
0 . 3 5
V
Vcc=15V
ISOURCE=200mA
ISOURCE=100mA
12.75
12.5
13.3
High Output Vo ltage
VOH
Vcc=5V
ISOURCE=100mA
2.75
3 . 3
V
Rise Ti me of Output ****
tR
1 0 0
n s
Fall Ti me of Output****
tF
1 0 0
n s
Dis c harg e Leakage Current
ILKG
2 0
1 0 0
n A
* When the output is high, the supply current is typically 1mA less than at Vcc = 5V.
** Tested at Vcc = 5.0V and Vcc = 15V.
*** This will determine the maximum value of RA + RB for 15V operation, the max. total R
= 20MΩ , and for 5V operation, the max. total R = 6.7MΩ .
****These parameters, although guaranteed, are not 100% tested in production.
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com