Electronic Components Datasheet Search
  English  ▼

X  

NE555D Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # NE555D
Description  Single Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

NE555D Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  NE555D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NE555N/NE555D
Figure 1 illustrates a monostable circuit. In this mode, the timer generates a fixed
pulse whenever the trigger voltage falls below Vcc/3. When the trigger pulse voltage
applied to the #2 pin falls below Vcc/3 while the timer output is low, the timer's internal
flip-flop turns the discharging Tr. off and causes the timer output to become high by
charging the external capacitor C1 and setting the flip-flop output at the same time.
The voltage across the external capacitor C1, VC1 increases exponentially with the
time constant t=RA*C and reaches 2Vcc/3 at td=1.1RA*C. Hence, capacitor C1 is charged
through resistor RA. The greater the time constant RAC, the longer it takes for the VC1 to
reach 2Vcc/3. In other words, the time constant RAC controls the output pulse width.
When the applied voltage to the capacitor C1 reaches 2Vcc/3, the comparator on the
trigger terminal resets the flip-flop, turning the discharging Tr. on. At this time, C1 begins
to discharge and the timer output converts to low.
In this way, the timer operating in the monostable repeats the above process. Figure 2
shows the time constant relationship based on RA and C. Figure 3 shows the general
waveforms during the monostable operation.
It must be noted that, for a normal operation, the trigger pulse voltage needs to
maintain a minimum of Vcc/3 before the timer output turns low. That is, although the
output remains unaffected even if a different trigger pulse is applied while the output is
high, it may be affected and the waveform does not operate properly if the trigger pulse
voltage at the end of the output pulse remains at below Vcc/3. Figure 4 shows such a timer
output abnormality.
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com