Electronic Components Datasheet Search
  English  ▼

X  

NE555D Datasheet(PDF) 11 Page - Tiger Electronic Co.,Ltd

Part # NE555D
Description  Single Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

NE555D Datasheet(HTML) 11 Page - Tiger Electronic Co.,Ltd

Back Button NE555D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 9Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 10Page - Tiger Electronic Co.,Ltd NE555D Datasheet HTML 11Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NE555N/NE555D
and may be simplified into the following equation.
S=I/C (17)
In other words, the gradient of the linear ramp function appearing across the capacitor
can be obtained by using the constant current flowing through the capacitor.
If the constant current flow through the capacitor is 0.215mA and the capacitance is
0.02μ F, the gradient of the ramp function at both ends of the capacitor is S = 0.215m/0.022
μ
= 9.77V/ms.
11/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com