Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS1002 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TS1002/TS1004
TS1002_4DS r1p0
Page 5
RTFDS
-40
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
Output Voltage High (VOH) vs Temperature, RLOAD =100kΩ
TEMPERATURE -
°C
Output Voltage Low (VOL) vs Temperature, RLOAD =100kΩ
TEMPERATURE -
°C
Output Voltage High (VOH) vs Temperature, RLOAD =10kΩ
Output Voltage Low (VOL) vs Temperature, RLOAD =10kΩ
Input Bias Current (IIN+, IIN-) vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE - Volt
VDD = 2.5V
TA = +25
°C
VDD =0.8V
TA = +25
°C
0
0.2
0.4
0.6
0.8
0
0.5
1.5
2
2.5
1
100
75
25
-50
-25
0
50
250
200
100
-50
0
50
150
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
RL = 100kΩ
VDD = 0.8V
VDD = 2.5V
4.5
4
2
0
1
3
3.5
0.5
1.5
2.5
1.8
1.6
0.8
0
0.4
1.2
1.4
0.2
0.6
1
+25
+85
-40
+25
+85
20
0
10
30
35
5
15
25
TEMPERATURE -
°C
TEMPERATURE -
°C
-40
+25
+85
-40
+25
+85
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
RL = 10kΩ
VDD = 0.8V
VDD = 2.5V
16
0
8
4
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com