Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TS1002/TS1004
TS1002_4DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
Pin
Label
Function
TS1002
MSOP
TS1004
TSSOP
1, 7
1, 7, 8, 14
OUT
Amplifier Outputs: A, B
– TS1002; A, B, C, D – TS1004
4
7
VSS
Negative Supply or Analog GND. If applying a negative voltage to
this pin, connect a 0.1µF capacitor from this pin to analog GND.
3, 5
3, 5, 10, 12
+IN
Amplifier Non-inverting Inputs: A, B
– TS1002; A, B, C, D – TS1004
2, 6
2, 6, 9, 13
-IN
Amplifier Inverting Inputs: A, B
– TS1002; A, B, C, D – TS1004
8
14
VDD
Positive Supply Connection. Connect a 0.1µF bypass capacitor from
this pin to analog GND.
THEORY OF OPERATION
The TS1002 and the TS1004 are fully functional for
input signals from the negative supply (VSS or GND)
to the positive supply (VDD). Their input stages
consist of two differential amplifiers, a p-channel
CMOS stage and an n-channel CMOS stage that
are active over different ranges of the input common
mode voltage. The p-channel input pair is active for
input common mode voltages, VINCM, between the
negative supply to approximately 0.4V below the
positive supply. As the common-mode input voltage
moves closer towards VDD, an internal current mirror
activates the n-channel input pair differential pair.
The p-channel input pair becomes inactive for the
balance of the input common mode voltage range up
to the positive supply. Because both input stages
have their own offset voltage (VOS) characteristic, the
offset voltage of these amplifiers is a function of the
applied input common-mode voltage, VINCM. The VOS
has a crossover point at ~0.4V from VDD (Refer to
the VOS vs. VCM curve in the Typical Operating
Characteristics section). Caution should be taken in
applications where the input signal amplitude is
comparable to the
amplifiers’ V
OS value and/or the
design requires high accuracy. In these situations, it
is necessary for the input signal to avoid the
crossover point. In addition, amplifier parameters
such as PSRR and CMRR which involve the input
offset voltage will also be affected by changes in the
input common-mode voltage across the differential
pair transition region.
The
amplifiers’ second stage is a folded-cascode
transistor arrangement that converts the input stage
differential signals into a single-ended output. A
complementary drive generator supplies current to
the output transistors that swing rail to rail.
The
amplifiers’ output stage voltage swings within
1.2mV from the rails at 0.8V supply when driving an
output load of 100k
Ω - which provides the maximum
possible dynamic range at the output. This is
particularly important when operating on low supply
voltages. When driving a stiffer 10k
Ω load, the
amplifiers’ output swings within 10mV of V
DD and
within 5mV of VSS (or GND).
APPLICATIONS INFORMATION
Portable Gas Detection Sensor Amplifier
Gas sensors are used in many different industrial
and medical applications. Gas sensors generate a
current that is proportional to the percentage of a
particular gas concentration sensed in an air
sample. This output current flows through a load
resistor and the resultant voltage drop is amplified.
Depending on the sensed gas and sensitivity of the
sensor, the output current can be in the range of
tens of microamperes to a few milliamperes. Gas
sensor datasheets often specify a recommended
load resistor value or a range of load resistors from
which to choose.
There are two main applications for oxygen sensors
– applications which sense oxygen when it is
abundantly present (that is, in air or near an oxygen
tank) and those which detect traces of oxygen in
parts-per-million
concentration.
In
medical
applications, oxygen sensors are used when air
quality or oxygen delivered to a patient needs to be
monitored. In fresh air, the concentration of oxygen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com