Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TS1002/TS1004
Page 6
TS1002_4DS r1p0
RTFDS
0.1Hz to 10Hz Output Voltage Noise
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short Circuit Current, ISC+ vs Temperature
Output Short Circuit Current, ISC- vs Temperature
Large-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
Small-Signal Transient Response
VDD = 2.5V, VSS = GND, RLOAD = 100kΩ, CLOAD = 15pF
2ms/DIV
TEMPERATURE -
°C
TEMPERATURE -
°C
-40
+25
+85
-40
+25
+85
VDD = 0.8V
VDD = 2.5V
VDD = 0.8V
VDD = 2.5V
VOUT = 0V
VOUT = VDD
25
15
0
5
10
20
50
30
0
10
20
40
60
70
Gain and Phase vs. Frequency
FREQUENCY - Hz
10
1k
10k
100
40
-20
0
20
60
50
-250
-150
-50
150
100k
VDD = 0.8V
TA = +25
°C
RL = 100kΩ
CL = 20pF
AVCL = 1000 V/V
PHASE
GAIN
4kHz
70
°
1 Second/DIV
130µVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com