Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 12 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 12 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 12Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TS1002/TS1004
Page 12
TS1002_4DS r1p0
RTFDS
PACKAGE OUTLINE DRAWING
8-Pin MSOP Package Outline Drawing
(N.B., Drawings are not to scale)
0.65 REF
3.10 Max
2.90 Min
0.95 Max
0.75 Min
0.15 Max
0.05 Min
SEATING PLANE
5.08 Max
4.67 Min
3.10 Max
2.90 Min
0' -- 6'
DETAIL ‘A’
DETAIL “A”
0.25
0.70 Max
0.40 Min
0.23 max
0.13 Min
NOTE:
1. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
2. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTUSIONS.
3. CONTROLLING DIMENSION IN MILIMETERS.
4. THIS PART IS COMPLIANT WITH JEDEC MO-187 VARIATIONS AA
5. LEAD SPAN/STAND OFF HEIGHT/COPLANARITY ARE CONSIDERED AS SPECIAL CHARACTERISTIC.
1
2
8
0.38 Max
0.28 Min
0.10 Max
GAUGE PLANE
1.10 Max
0.27 REF
0.127
0.23 Max
0.13 Min
0.38 Max
0.28 Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com