Electronic Components Datasheet Search
  English  ▼

X  

BTS307 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BTS307
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS307 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button BTS307 Datasheet HTML 3Page - Siemens Semiconductor Group BTS307 Datasheet HTML 4Page - Siemens Semiconductor Group BTS307 Datasheet HTML 5Page - Siemens Semiconductor Group BTS307 Datasheet HTML 6Page - Siemens Semiconductor Group BTS307 Datasheet HTML 7Page - Siemens Semiconductor Group BTS307 Datasheet HTML 8Page - Siemens Semiconductor Group BTS307 Datasheet HTML 9Page - Siemens Semiconductor Group BTS307 Datasheet HTML 10Page - Siemens Semiconductor Group BTS307 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BTS 307
Semiconductor Group
7
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
PROFET
V
Z
V
ON
VON clamped to -- V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN
ST
ST
R
IN
R
GND
GND
R
Signal GND
Logic
PROFET
V
Z2
I
R
V
Z1
VZ1 = 6.2 V typ., VZ2 = 70 V typ., RGND = 150 Ω,
RST= 15 kΩ, RI= 20 kΩ typ.
Open-load detection
OFF-state diagnostic condition:
VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
I
L(OL)
OFF
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
IN
V
ST
V
GND
+5V
12k
For Vbb=24V and VIN=0V: VST>2.8V @ IST
≥ 0 if pulled up as shown.
Any kind of load. In case of Input=high is
VOUT
≈ VIN - VIN(T+) .
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND >0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
high
Normal load current can be handled by the PROFET
itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com