Electronic Components Datasheet Search
  English  ▼

X  

BTS307 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # BTS307
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS307 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button BTS307 Datasheet HTML 5Page - Siemens Semiconductor Group BTS307 Datasheet HTML 6Page - Siemens Semiconductor Group BTS307 Datasheet HTML 7Page - Siemens Semiconductor Group BTS307 Datasheet HTML 8Page - Siemens Semiconductor Group BTS307 Datasheet HTML 9Page - Siemens Semiconductor Group BTS307 Datasheet HTML 10Page - Siemens Semiconductor Group BTS307 Datasheet HTML 11Page - Siemens Semiconductor Group BTS307 Datasheet HTML 12Page - Siemens Semiconductor Group BTS307 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTS 307
Semiconductor Group
9
Options Overview
all versions: High-side switch, Input protection, ESD protectionand reverse battery
protection with 150
Ω in GND connection, protection against loss of ground
Type
BTS 410D2 410E2 410G2 410H2
307
308
Logic version
DE
G
H
Overtemperature protection with hysteresis
Tj >150 °C, latch function9)10)
Tj >150 °C, with auto-restart on cooling
X
XX
X
X
X
Short circuit to GND protection
switches off when
VON>3.5 V typ. and Vbb> 8 V
typ9) (when first turned on after approx. 150
µs)
XX
switches off when
VON>8.5 V typ.9)
(when first turned on after approx. 150
µs)
Achieved through overtemperature protection
XX
X
X
Open load detection
in OFF-state with sensing current 6
µA typ.
in ON-state with sensing voltage drop across
power transistor
XX
X
X
X
X
Undervoltage shutdown with auto restart
XX
XX
X
X
Overvoltage shutdown with auto restart
XX
XX
-
X
Status feedback for
overtemperature
short circuit to GND
short to Vbb
open load
undervoltage
overvoltage
X
X
-11)
X
X
X
X
X
-11)
X
-
-
X
-
-11)
X
-
-
X
X
X
X
-
-
X
X
X
X
X
-
X
X
X
X
-
-
Status output type
CMOS
Open drain
X
XX
X
X
X
Output negative voltage transient limit
(fast inductive load switch off)
to
Vbb - VON(CL)
XX
XX
X
X
Load current limit
high level (can handle loads with high inrush currents)
low level (better protection of application)
XX
XX
X
X
Protection against loss of GND
XX
XX
X
X
9
)
Latch except when
Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT ≠
0 V only if forced externally). So the device remains latched unless
Vbb < VON(SC) (see page 4). No latch
between turn on and td(SC).
10) With latch function. Reseted by a) Input low, b) Undervoltage, c) Overvoltage
11
) Low resistance short V
bb to output may be detected in ON-state by the no-load-detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com