Electronic Components Datasheet Search
  English  ▼

X  

BTS307 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS307
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS307 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS307 Datasheet HTML 1Page - Siemens Semiconductor Group BTS307 Datasheet HTML 2Page - Siemens Semiconductor Group BTS307 Datasheet HTML 3Page - Siemens Semiconductor Group BTS307 Datasheet HTML 4Page - Siemens Semiconductor Group BTS307 Datasheet HTML 5Page - Siemens Semiconductor Group BTS307 Datasheet HTML 6Page - Siemens Semiconductor Group BTS307 Datasheet HTML 7Page - Siemens Semiconductor Group BTS307 Datasheet HTML 8Page - Siemens Semiconductor Group BTS307 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BTS 307
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
--
--
4.0
--
10
--
19
--
--
A
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL)
IL= 1 A, Tj =-40..+150°C: VON(CL)
59
--
75
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 3 to 1) 6)
-
Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
(included in standby current
Ibb(off))
IL(off)
--
6
--
µA
Open load detection voltage
Tj=-40..150°C: VOUT(OL)
2.4
3
4
V
Short circuit detection voltage
(pin 3 to 5)
VON(SC)
--
2.5
--
V
6
)
Requires 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com